Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP012405DP-U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP012405DP-U
Description  Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP012405DP-U Datasheet(HTML) 9 Page - Burr-Brown (TI)

  DCP012405DP-U Datasheet HTML 1Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 2Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 3Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 4Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 5Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 6Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 7Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 8Page - Burr-Brown (TI) DCP012405DP-U Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
®
DCP0124
FIGURE 7. Connecting Multiple DCP0124s in Parallel.
DCP
01
0V
0V
V
OUT
V
SUPPLY
V
S
0V
DCP
01
V
OUT
2 x Power Out
SYNC
IN
SYNC
IN
V
S
0V
COM
15.24 (0.600)
11.8 (0.464)
14-Pin
All Leads on 2.54mm Pitch
Dimensions in mm (inches)
1.9 (0.075)
2.54 (0.100)
1.2 (0.047)
FIGURE 8. PCB Pad Size and Placement for “U” Package.
DCP
01
+V
OUT
V
SUPPLY
+V
OUT
–V
OUT
–V
OUT
0V
V
S
0V
COM
FIGURE 6. Connecting Dual Outputs in Series.


Similar Part No. - DCP012405DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP012405 BURR-BROWN-DCP012405 Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP012405B BURR-BROWN-DCP012405B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP012405B BURR-BROWN-DCP012405B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP012405B TI1-DCP012405B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
DCP012405BP BURR-BROWN-DCP012405BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP012405DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com