Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP011515DP Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP011515DP
Description  Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP011515DP Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DCP011515DP Datasheet HTML 2Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 3Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 4Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 5Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 6Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 7Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 8Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 9Page - Burr-Brown (TI) DCP011515DP Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
DCP0115
®
up to 10
µs. Making the gate open drain will re-enable the
DCP0115. However, there is a trade-off in using this function;
the DCP0115 quiescent current may increase and the on-chip
oscillator may run slower. This degradation in performance is
dependent on the external CMOS gate capacitance, therefore
the smaller the capacitance, the lower the performance de-
crease. Driving the SYNCIN pin with a CPU type tri-state
output, which has a low output capacitance, offers the lowest
reduction in performance.
DECOUPLING
Ripple Reduction
The high switching frequency of 400kHz allows simple
filtering. To reduce ripple, it is recommended that 0.47
µF
capacitors are used on VS and VOUT (see Figure 3). Dual
outputs should both be decoupled to pin 5. In applications
where power is supplied over long lines and output loading
is high, or, there is significant inductance at the output, it
may be necessary to use a 2.2
µF capacitor on the input to
insure startup.
There is no restriction on the size of the output capacitor used
to reduce ripple. The DCP0115 will start into any capacitive
load. Low ESR capacitors will give the best reduction.
EXTERNAL SYNCHRONIZATION
The DCP0115 can be synchronized externally if required
using a simple external interface. Figure 4 shows a universal
interface using a 4066 quad switch. The CTL and SYNCON
pins are used to select external synchronization or self-
synchronization.
This interface can also be used to stop (disable) the DCP0115.
FIGURE 4. Universal Interface.
CTL
SYNCON
FUNCTION
1
1
External Sync
0
Self-Sync
0
1
Device Stop
FIGURE 3. DCP011515 Fully Loaded.
DCP0115xxx
1
2
5
6
7
14
8
V
CC
0V
0V
+V
OUT
–V
OUT
SYNC
I/O
1A
I/O
1B
U1
CONT
C
3
470nF
C
6
470nF
(One Per
DC/DC)
DCP0105xxx
1
2
5
6
7
14
8
V
CC
0V
0V
+V
OUT
SYNC
R
1
33k
R
2
33k
DCP0105xxx
1
2
5
6
7
14
8
V
CC
0V
0V
+V
OUT
SYNC
C
4
470nF
+5V
+5V
0V
+Out 2
0V
+Out 3
I/O
1A
I/O1B
U3
CONT
I/O
1A
I/O
1B
U4
CONT
I/O
1A
I/O
1B
U5
CONT
SYNC ON
FREQ IN
CTL
R
3
33k
0V
0V
0V
0V
C
5
470nF
+15V
0V
4066
C
1
470nF
C
2
470nF
+15V
0V
+Out 1
–Out 1
+5V
1
2
5
6
7
V
S
0V
0V
+V
Out
–V
Out
C
1
0.47µF
+15V
C
3
0.47µF
R
3
820
R
4
1k
C
2
0.47µF
R
1
820
R
2
1k
DCP0115


Similar Part No. - DCP011515DP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP011515DB BURR-BROWN-DCP011515DB Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP011515DB TI1-DCP011515DB Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
DCP011515DBP BURR-BROWN-DCP011515DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP011515DBP BURR-BROWN-DCP011515DBP Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP011515DBP TI-DCP011515DBP Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP011515DP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com