Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010505 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP010505
Description  Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP010505 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DCP010505 Datasheet HTML 1Page - Burr-Brown (TI) DCP010505 Datasheet HTML 2Page - Burr-Brown (TI) DCP010505 Datasheet HTML 3Page - Burr-Brown (TI) DCP010505 Datasheet HTML 4Page - Burr-Brown (TI) DCP010505 Datasheet HTML 5Page - Burr-Brown (TI) DCP010505 Datasheet HTML 6Page - Burr-Brown (TI) DCP010505 Datasheet HTML 7Page - Burr-Brown (TI) DCP010505 Datasheet HTML 8Page - Burr-Brown (TI) DCP010505 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
®
Miniature 5V Input, 1W Isolated
UNREGULATED DC/DC CONVERTERS
FEATURES
q STANDARD JEDEC PLASTIC PACKAGE
q MEETS EN55022 CLASS B
q LOW PROFILE: 0.15" (3.8mm)
q SYNCHRONIZABLE
q OUTPUT SHORT CIRCUIT PROTECTION
q THERMAL SHUTDOWN
q STARTS INTO ANY CAPACITIVE LOAD
q FLOATING OUTPUTS
q EFFICIENCY: Up to 75% (at Full Load)
q 1000Vrms ISOLATION
q 400kHz SWITCHING
q 108 MILLION HOURS MTTF
q 5V,
±5V, 12V, ±12V, 15V, ±15V OUTPUTS
q AVAILABLE IN TAPE AND REEL
DESCRIPTION
The DCP0105 family is a series of high efficiency, 5V
input isolated DC/DC converters. In addition to 1W
nominal galvanically isolated output power capability,
the range of DC/DCs are also fully synchronizable.
The devices feature thermal shutdown, and overload
protection is implemented via watchdog circuitry.
Advanced power-on reset techniques give superior
reset performance and the devices will start into any
capacitive load up to full power output.
The DCP0105 family is implemented in standard-
molded IC packaging, giving outlines suitable for high
volume assembly.
DCP0105
Series
ternational Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
©1996 Burr-Brown Corporation
PDS-1336G
Printed in U.S.A. May, 1999
APPLICATIONS
q POINT OF USE POWER CONVERSION
q DIGITAL INTERFACE POWER
q GROUND LOOP ELIMINATION
q DATA ACQUISITION
q INDUSTRIAL CONTROL AND
INSTRUMENTATION
q TEST EQUIPMENT
I
BIAS
Power
Stage
V
OUT
÷ 2
Reset
800kHz
Oscillator
Watch-dog/
start-up
PSU
Thermal
Shutdown
SYNC
OUT
SYNC
IN
V
S
0V
Power Controller IC
0V
DCP0105
DCP0105


Similar Part No. - DCP010505

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010505 BURR-BROWN-DCP010505 Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505 BURR-BROWN-DCP010505 Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505B BURR-BROWN-DCP010505B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505B BURR-BROWN-DCP010505B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010505

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com