Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC908U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC908U
Description  8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC908U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC908U Datasheet HTML 3Page - Burr-Brown (TI) DAC908U Datasheet HTML 4Page - Burr-Brown (TI) DAC908U Datasheet HTML 5Page - Burr-Brown (TI) DAC908U Datasheet HTML 6Page - Burr-Brown (TI) DAC908U Datasheet HTML 7Page - Burr-Brown (TI) DAC908U Datasheet HTML 8Page - Burr-Brown (TI) DAC908U Datasheet HTML 9Page - Burr-Brown (TI) DAC908U Datasheet HTML 10Page - Burr-Brown (TI) DAC908U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
®
DAC908
7
TYPICAL PERFORMANCE CURVES VD = VA = +5V (Cont.)
At TA = +25°C, differential transformer coupled output, 50Ω doubly terminated, and SFDR up to Nyquist, unless otherwise noted.
THD vs f
CLOCK AT fOUT = 2.1MHz
f
CLOCK (MSPS)
–70
–75
–80
–85
–90
–95
–100
25
50
100
125
150
0
2HD
4HD
3HD
X
X
X
X
SFDR vs TEMPERATURE AT 100MSPS, 0dBFS
Temperature (
°C)
85
80
75
70
65
60
55
50
45
–20
0
25
70
50
85
–40
2.1MHz
5.04MHz
20.2MHz
X
X
X
X
X
X
X
SINGLE-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
12.5
25.0
37.5
50.0
62.5
f
CLOCK = 125MSPS
f
OUT = 25.3MHz
SFDR = 57dBc
Amplitude = 0dBFS
SINGLE-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
5
1015
20
25
3035
40
45
50
f
CLOCK = 100MSPS
f
OUT = 5.04MHz
SFDR = 67dBc
Amplitude = 0dBFS
SINGLE-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
510
15
20
25
f
CLOCK = 50MSPS
f
OUT = 2.1MHz
SFDR = 69dBc
Amplitude = 0dBFS


Similar Part No. - DAC908U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC908U TI1-DAC908U Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908U/1K TI1-DAC908U/1K Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908U/1KG4 TI1-DAC908U/1KG4 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908UG4 TI1-DAC908UG4 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC908U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com