Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC811KU Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC811KU
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC811KU Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC811KU Datasheet HTML 1Page - Burr-Brown (TI) DAC811KU Datasheet HTML 2Page - Burr-Brown (TI) DAC811KU Datasheet HTML 3Page - Burr-Brown (TI) DAC811KU Datasheet HTML 4Page - Burr-Brown (TI) DAC811KU Datasheet HTML 5Page - Burr-Brown (TI) DAC811KU Datasheet HTML 6Page - Burr-Brown (TI) DAC811KU Datasheet HTML 7Page - Burr-Brown (TI) DAC811KU Datasheet HTML 8Page - Burr-Brown (TI) DAC811KU Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
®
DAC811
FIGURE 1. Power Supply Rejection vs Power Supply Ripple
Frequency.
OPERATION
DAC811 is a complete single IC chip 12-bit D/A converter.
The chip contains a 12-bit D/A converter, voltage reference,
output amplifier, and microcomputer-compatible input logic
as shown in Figure 2.
INTERFACE LOGIC
Input latches A, B, and C hold data temporarily while a
complete 12-bit word is assembled before loading into the
D/A register. This double-buffered organization prevents the
generation of spurious analog output values. Each register is
independently addressable.
These input latches are controlled by NA, NB, NC, and WR.
NA, NB, and NC are internally NORed with WR so that the
input latches transmit data when both NA (or NB, NC) and
WR are at logic 0. When either NA, (NB, NC) or WR go to
logic 1, the input data is latched into the input registers and
held until both NA (or NB, NC) and WR go to logic 0.
FIGURE 2. DAC811 Block Diagram.
WR
NA
NB
NC
LDAC
OPERATION
1
X
X
X
X
No operation
0
0
1
1
1
Enables input latch 4MSBs
0
1
0
1
1
Enables input latch 4 middle bits
0
1
1
0
1
Enables input latch 4LSBs
01
1
1
0
Loads D/A latch from input latches
0
0
0
0
0
Makes all latches transparent
“X” = Don’t care.
TABLE II. DAC813 Interface Logic Truth Table.
GAIN AND OFFSET ADJUSTMENTS
Figures 3 and 4 illustrate the relationship of offset and gain
adjustments to unipolar and bipolar D/A converter output.
OFFSET ADJUSTMENT
For unipolar (USB) configurations, apply the digital input
code that should produce zero voltage output, and adjust the
offset potentiometer for zero output. For bipolar (BOB,
BTC) configurations, apply the digital input code that should
produce the maximum negative output voltage and adjust
the offset potentiometer for minus full scale voltage. Ex-
ample: If the full scale range is connected for 20V, the
maximum negative output voltage is –10V. See Table III for
corresponding codes.
The D/A latch is controlled by LDAC and WR. LDAC and
WR are internally NORed so that the latches transmit data to
the D/A switches when both LDAC and WR are at logic 0.
When either LDAC or WR are at logic 1, the data is latched
in the D/A latch and held until LDAC and WR go to logic 0.
All latches are level-triggered. Data present when the con-
trol signals are logic 0 will enter the latch. When any one of
the control signals returns to logic 1, the data is latched.
Table II is a truth table for all latches.
Frequency (Hz)
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
+V
CC
–V
CC
V
DD
M
1
D0
BPO
SJ
V
OUT
12-Bit D/A Converter
12-Bit D/A Latch
4-Bit Latch, A
27
26
25
24
7
8
9
10
11
12
13
14
19
18
17
16
D11
D8
D7
Reference
2
WR
4
A
5
6
LDAC
3
10V
Range
N
B
N
C
N
D4
D3
ACOM
23
Ref Out
28
R
BPO
R
F
R
F
4-Bit Latch, B
4-Bit Latch, C
MSB
LSB


Similar Part No. - DAC811KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811KU TI1-DAC811KU Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811KUG4 TI1-DAC811KUG4 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC811KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com