Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF8524P3BNL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLF8524P3BNL
Description  3.7 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF8524P3BNL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLF8524P3BNL Datasheet HTML 1Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 2Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 3Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 4Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 5Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 6Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 7Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 8Page - Finisar Corporation. FTLF8524P3BNL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FTLF8524P3NL Pluggable SFP Product Specification – November 2011
© Finisar Corporation Nov 15, 2011 Rev.B
Page 3
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.0
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TA
-40
85
°C
Relative Humidity
RH
0
85
%
1
III.
Electrical Characteristics (TA, VCC = 3.1 to 3.46 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.1
3.46
V
Supply Current
Icc
130
144
mA
Transmitter
Input differential impedance
Rin
100
Ω
2
Single ended data input swing
Vin,pp
150
1200
mV
3
Transmit Disable Voltage
VD
2
Vcc
V
4
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
Receiver
Single ended data output swing
Vout,pp
300
800
mV
5
Data output rise time
tr
140
ps
6
Data output fall time
tf
140
ps
6
LOS Fault
VLOS fault
2
VccHOST
V
7
LOS Normal
VLOS norm
Vee
Vee+0.8
V
7
Power Supply Rejection
PSR
100
mVpp
8
Determinstic Jitter Contribution @ 3.7 Gb/s
28
ps
9
Total Jitter Contribution @ 3.7 Gb/s
77
ps
10
Notes:
1.
Non condensing.
2.
Connected directly to TX data input pins. AC coupling from pins into laser driver IC.
3.
We recommend <600mV for best EMI performance.
4.
Or open circuit.
5.
Into 100 ohms differential termination.
6.
Unfiltered, 20 – 80 %
7.
LOS is an open collector output. Should be pulled up with 4.7k – 10kohms on the host board. Normal
operation is logic 0; loss of signal is logic 1. Maximum pull-up voltage is 5.5V.
8.
Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to
specified value applied through the recommended power supply filtering network.
9.
Typical peak-to-peak jitter (=6*RMS width of Jitter).
10. Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ
and
Δ DJ. If measured with TJ-free data input signal. In actual application, output TJ will be given by:
() (
)2
2
DJ
TJ
DJ
TJ
DJ
DJ
TJ
IN
IN
IN
OUT
Δ
Δ
+
+
Δ
+
=


Similar Part No. - FTLF8524P3BNL

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FTLF8524P3BNL-C ATGBICS-FTLF8524P3BNL-C Datasheet
399Kb / 10P
   FTLF8524P3BNL Finisar Compatible Transceiver SFP, 3.7Gbps (850nm, MMF, 300m, 3.3V, LC, DOM, Ind Temp)
More results

Similar Description - FTLF8524P3BNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF8519P3BNL FINISAR-FTLF8519P3BNL Datasheet
469Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2NL FINISAR-FTLF8524P2NL Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WCL FINISAR-FTLF8519P2WCL Datasheet
794Kb / 10P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BYL FINISAR-FTLF8519P3BYL Datasheet
641Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8538P4BCL FINISAR-FTLF8538P4BCL Datasheet
790Kb / 12P
   25.78 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2WNL_VO1 FINISAR-FTLF8524P2WNL_VO1 Datasheet
714Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WNL FINISAR-FTLF8519P2WNL Datasheet
804Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P2WTL FINISAR-FTLF8519P2WTL Datasheet
817Kb / 12P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8519P3BTL FINISAR-FTLF8519P3BTL Datasheet
669Kb / 11P
   2.125 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
FTLF8524P2XNY FINISAR-FTLF8524P2XNY Datasheet
700Kb / 12P
   4.25 Gb/s RoHS Compliant Short-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com