Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1324P2XTY Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLF1324P2XTY
Description  4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1324P2XTY Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLF1324P2XTY Datasheet HTML 1Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 2Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 3Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 4Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 5Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 6Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 7Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 8Page - Finisar Corporation. FTLF1324P2XTY Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTLF1324P2xTy Industrial Temp. SFP Product Specification – February 2007
F i n i s a r
IV. Optical Characteristics (TOP = -40 to 85 °C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Power
POUT
-8.4
-3
dBm
1
Optical Wavelength
λ
1260
1350
nm
2
Spectral Width
σ
Note 2
2
Optical Modulation Amplitude
OMA
190
μW
2,3
Optical Modulation Amplitude
≤ 2.125 Gb/s
OMA
174
μW
2,3
Optical Rise/Fall Time = 4.25 Gb/s
tr/ tf
90
ps
4
Optical Rise/Fall Time
≤ 2.125 Gb/s
tr/ tf
160
ps
5
RIN
-120
dB/Hz
Deterministic Jitter Contribution = 4.25 Gb/s
TX
Δ DJ
28.5
ps
6
Total Jitter Contribution = 4.25 Gb/s
TX
Δ TJ
59.8
ps
Deterministic Jitter Contribution
≤ 2.125 Gb/s
TX
Δ DJ
56.5
ps
6
Total Jitter Contribution
≤ 2.125 Gb/s
TX
Δ TJ
119
ps
Optical Extinction Ratio = 1.25 Gb/s
ER
9
dB
7
Receiver
Receiver Sensitivity = 4.25 Gb/s
RSENSr
0.029
-18
mW
dBm
8
9
Receiver Sensitivity = 2.125 Gb/s
RSENS2
0.015
-21
mW
dBm
8
9
Receiver Sensitivity = 1.06 Gb/s
RSENS1
0.015
-22
mW
dBm
8
9
Receiver Sensitivity = 1.25 Gb/s
RSENS1
-22
dBm
10,11
Stressed RX sens. = 1.25 Gb/s
-14.5
dBm
Receiver Overload
RxMAX
0
dBm
Receiver Elec. 3 dB cutoff freq.
1500
MHz
11
Receiver Elec. 3 dB cutoff freq.
2500
MHz
12
Optical Center Wavelength
λ
C
1260
1600
nm
Return Loss
12
dB
LOS De-Assert
LOSD
-19
dBm
LOS Assert
LOSA
-30
dBm
LOS Hysteresis
0.5
dB
Notes:
1.
Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
2.
Also specified to meet curves in FC-PI-2 10.0 Figures 18, 19, and 21, which allow trade-off between
wavelength, spectral width and OMA. Rate selectable part is specified to meet IEEE Draft P802.3ah
/D2.0 Figure 59-3.
3.
Equivalent extinction ratio specification for Fibre Channel. Allows smaller ER at higher average
power.
4.
Unfiltered, 20-80%.
5.
Unfiltered, 20-80%.
6.
Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ
and
DJ.
Δ
7.
Applicable for Rate Selectable version only in low bandwidth mode.
8.
Measured with conformance signals defined in FC-PI-2 10.0 specifications. Value in OMA.
Measured with PRBS 2
7-1 at 10-12 BER
9.
Measured with conformance signals defined in FC-PI-2 10.0 specifications. Represents sensitivity
based on OMA spec, as corrected to incoming Extinction Ratio of 13 dB (for example, at 5.75dB
© Finisar Corporation February 24, 2007 Rev. H
Page 4


Similar Part No. - FTLF1324P2XTY

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1324P2XTY FINISAR-FTLF1324P2XTY Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2XTY FINISAR-FTLF1324P2XTY Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results

Similar Description - FTLF1324P2XTY

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1324P2TV FINISAR-FTLF1324P2TV Datasheet
757Kb / 1P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2CD FINISAR-FTLF1424P2CD Datasheet
772Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCR FINISAR-FTLF1424P2WCR Datasheet
484Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2XCL FINISAR-FTLF1424P2XCL Datasheet
700Kb / 12P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424WTR FINISAR-FTLF1424WTR Datasheet
482Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WCL FINISAR-FTLF1424P2WCL Datasheet
473Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2WTL FINISAR-FTLF1324P2WTL Datasheet
474Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1324P2TL FINISAR-FTLF1324P2TL Datasheet
757Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1424P2WTR FINISAR-FTLF1424P2WTR Datasheet
762Kb / 11P
   4 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
FTLF1328P2BNV FINISAR-FTLF1328P2BNV Datasheet
718Kb / 10P
   8 Gigabit RoHS Compliant Long-Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com