Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC813AU Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC813AU
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC813AU Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC813AU Datasheet HTML 3Page - Burr-Brown (TI) DAC813AU Datasheet HTML 4Page - Burr-Brown (TI) DAC813AU Datasheet HTML 5Page - Burr-Brown (TI) DAC813AU Datasheet HTML 6Page - Burr-Brown (TI) DAC813AU Datasheet HTML 7Page - Burr-Brown (TI) DAC813AU Datasheet HTML 8Page - Burr-Brown (TI) DAC813AU Datasheet HTML 9Page - Burr-Brown (TI) DAC813AU Datasheet HTML 10Page - Burr-Brown (TI) DAC813AU Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
DAC813
gain error. The reference output may be used to drive
external loads, sourcing at least 5mA. This current should be
constant, otherwise the gain of the converter will vary.
POWER SUPPLY SENSITIVITY
Power supply sensitivity is a measure of the effect of a
power supply change on the D/A converter output. It is
defined as a ppm of FSR output change per percent of
change in either +VCC or –VCC about the nominal voltages
expressed in ppm of FSR/%. The first performance curve on
page 5 shows typical power supply rejection versus power
supply ripple frequency.
OPERATION
DAC813 is a complete single IC chip 12-bit D/A converter.
The chip contains a 12-bit D/A converter, voltage reference,
output amplifier, and microcomputer-compatible input logic
as shown in Figure 1.
INTERFACE LOGIC
Input latches hold data temporarily while a complete 12-bit
word is assembled before loading into the D/A latch. This
double-buffered organization prevents the generation of spu-
rious analog output values. Each latch is independently
addressable.
All latches are level-triggered. Data present when the con-
trol signals are logic “0” will enter the latch. When any one
of the control signals returns to logic “1”, the data is latched.
A truth table for the control signals is presented in Table II.
FIGURE 1. DAC813 Block Diagram.
TABLE II. DAC813 Interface Logic Truth Table.
WR
LLSB
LMSB LDAC RESET
OPERATION
1
X
X
X
1
No operation
XXXX
0
D/A latch set to 800HEX
0101
1
Enables 4 MSBs input latch
0011
1
Enables 8 LSBs input latch
0110
1
Loads D/A latch from input latches
0000
1
Makes all latches transparent
“X” = Don’t Care
CAUTION: DAC813 was designed to use WR as the fast
strobe. WR has a much faster logic path than EN
X (or
LDAC). Therefore, if one permanently wires WR to DCOM
and uses only EN
X to strobe data into the latches, the
DATA HOLD time will be long, approximately 15ns to
30ns, and this time will vary considerably in this range
from unit to unit. DATA HOLD time using WR is 5ns max.
LOGIC INPUT COMPATIBILITY
The DAC813 digital inputs are TTL, 5V CMOS compat-
ible over the operating range of +V
CC. The input switching
threshold remains at the TTL threshold over the supply
range. An equivalent circuit of a digital input is shown in
Figure 2.
The logic input current over temperature is low enough to
permit driving the DAC813 directly from the outputs of 5V
CMOS devices.
Open DATA input lines will float to 7V or more. Although
this will not harm the DAC813, current spikes will occur in
the input lines when a logic 0 is asserted and, in addition,
LSB
D0
25k
25k
24.9k
BPO
20V
Range
V
OUT
12-Bit D/A Converter
12-Bit D/A Latch
4-Bit Latch
4
2
3
9
8-Bit Latch
28
27
26
25
24
23
22
21
20
19
18
17
16
1
MSB
D11
D8
D7
DCOM
0–800µA
7
49.5k
6
+10V
Reference
5
8
10
+V
CC
–V
CC
ACOM
V
REF OUT
V
REF IN
11
WR
14
LMSB
15
LLSB
12
LDAC
13
Reset
20V
Range
V
L
(1)
NOTE: (1) V
L must be connected to +VCC.


Similar Part No. - DAC813AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC813AU TI1-DAC813AU Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813AU/1K TI1-DAC813AU/1K Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813AU/1KG4 TI1-DAC813AU/1KG4 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813AUG4 TI1-DAC813AUG4 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC813AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com