Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7724UB Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7724UB
Description  12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7724UB Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC7724UB Datasheet HTML 1Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 2Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 3Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 4Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 5Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 6Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 7Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 8Page - Burr-Brown (TI) DAC7724UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
12-Bit Quad Voltage Output
DIGITAL-TO-ANALOG CONVERTER
®
DAC7724
DAC7725
DESCRIPTION
The DAC7724 and DAC7725 are 12-bit quad voltage
output digital-to-analog converters with guaranteed
12-bit monotonic performance over the specified tem-
perature range. They accept 12-bit parallel input data,
have double-buffered DAC input logic (allowing simul-
taneous update of all DACs), and provide a readback
mode of the internal input registers. An asynchronous
reset clears all registers to a mid-scale code of 800H
(DAC7724) or to a zero-scale of 000H (DAC7725). The
DAC7724 and DAC7725 can operate from a single
+15V supply, or from +15V and –15V supplies.
Low power and small size per DAC make the DAC7724
and DAC7725 ideal for automatic test equipment,
DAC-per-pin programmers, data acquisition systems,
and closed-loop servo-control. The DAC7724 and
DAC7725 are available in a PLCC-28 or a SO-28
package, and offer guaranteed specifications over the
–40
°C to +85°C temperature range.
FEATURES
q LOW POWER: 250mW max
q SINGLE SUPPLY OUTPUT RANGE: +10V
q DUAL SUPPLY OUTPUT RANGE:
±10V
q SETTLING TIME: 10
µs to 0.012%
q 12-BIT LINEARITY AND MONOTONICITY:
–40
°C to +85°C
q RESET TO MID-SCALE (DAC7724) OR
ZERO-SCALE (DAC7725)
q DATA READBACK
q DOUBLE-BUFFERED DATA INPUTS
APPLICATIONS
q PROCESS CONTROL
q CLOSED-LOOP SERVO-CONTROL
q MOTOR CONTROL
q DATA ACQUISITION SYSTEMS
© 1999 Burr-Brown Corporation
PDS-1517B
Printed in U.S.A. April, 2000
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC A
DAC
Register A
Input
Register A
I/O
Buffer
Control
Logic
DAC B
DAC
Register B
Input
Register B
DAC C
DAC
Register C
Input
Register C
DAC D
DAC
Register D
Input
Register D
VREFH
VCC
VDD
VSS
VOUTD
VOUTC
VOUTB
VOUTA
VREFL
RESET
LDAC
GND
A0
A1
R/W
CS
DB0-DB11
12
For most current data sheet and other product
information, visit www.burr-brown.com
DAC7724
DAC7725


Similar Part No. - DAC7724UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7724UB TI1-DAC7724UB Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724UB/1K TI1-DAC7724UB/1K Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7724UBG4 TI1-DAC7724UBG4 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7724UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com