Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7614UB Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7614UB
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7614UB Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC7614UB Datasheet HTML 1Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 2Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 3Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 4Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 5Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 6Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 7Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 8Page - Burr-Brown (TI) DAC7614UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
®
DAC7614
TYPICAL PERFORMANCE CURVES: VSS = 0V
At TA = +25°C, VDD = +5V, VSS = 0V, VREFH = +2.5V, and VREFL = 0V, representative unit, unless otherwise specified.
LINEARITY ERROR and
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A)
200
H
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR and
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR and
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC C)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR and DIFFERENTIAL
LINEARITY ERROR vs CODE
(DAC D)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR vs CODE
(DAC A, –40°C and +85°C)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
+85°C
–40°C
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
LINEARITY ERROR vs CODE
(DAC B, –40°C and +85°C)
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
+85°C
–40°C
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H


Similar Part No. - DAC7614UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7614UB TI1-DAC7614UB Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7614UB TI1-DAC7614UB Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614UB/1K TI1-DAC7614UB/1K Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7614UB/1K TI1-DAC7614UB/1K Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614UB/1KG4 TI1-DAC7614UB/1KG4 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
More results

Similar Description - DAC7614UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com