Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC7641 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. DAC7641
Description  16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

DAC7641 Datasheet(HTML) 4 Page - Burr-Brown (TI)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
®
DAC7641
ABSOLUTE MAXIMUM RATINGS(1)
VSS to VSS ............................................................................. –0.3V to 11V
VDD to GND .......................................................................... –0.3V to 5.5V
VREFL to GND ............................................................ –0.3V to (VSS – VCC)
VREFH to GND ........................................................... –0.3V to (VSS – VCC)
VREFH to VREFL .................................................................... –0.3V to +11V
Digital Input Voltage to GND ................................... –0.3V to VDD + 0.3V
Digital Output Voltage to GND ................................. –0.3V to VDD + 0.3V
Maximum Junction Temperature ................................................... +150
°C
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
MINIMUM
RELATIVE
DIFFERENTIAL
PACKAGE
SPECIFICATION
ACCURACY
NONLINEARITY
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER
RANGE
NUMBER(1)
MEDIA
DAC7641Y
±4
±3
TQFP-32
351
–40
°C to +85°C
DAC7641Y/250
Tape and Reel
"
"
"
"
"
"
DAC7641Y/2K
Tape and Reel
DAC7641YB
±3
±2
TQFP-32
351
–40
°C to +85°C
DAC7641YB/250
Tape and Reel
"
"
"
"
"
"
DAC7641YB/2K
Tape and Reel
NOTES: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “DAC7641Y/2K” will get a single 2000-piece Tape and Reel.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn