Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF10A200HPR-1 Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SF10A200HPR-1
Description  200V, 10A ULTRAFAST DUAL RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF10A200HPR-1 Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SF10A200HPR-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SF10A200HPR-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SF10A200HPR-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SF10A200HPR-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SF10A200HPR-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KSD-D0O014-001
5
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.
SF10A200HPR


Similar Part No. - SF10A200HPR-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A200HPR KODENSHI-SF10A200HPR Datasheet
286Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
More results

Similar Description - SF10A200HPR-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFB20UP20DN FAIRCHILD-FFB20UP20DN Datasheet
942Kb / 5P
   10A, 200V Ultrafast Dual Rectifiers
logo
KODENSHI_AUK CORP.
SF10A200HPR KODENSHI-SF10A200HPR Datasheet
286Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A200HPI KODENSHI-SF10A200HPI Datasheet
278Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
logo
Fairchild Semiconductor
FFB20UP20DN FAIRCHILD-FFB20UP20DN_10 Datasheet
440Kb / 5P
   10A, 200V Ultrafast Dual Rectifiers
logo
KODENSHI_AUK CORP.
SF10A200HPI-1 KODENSHI-SF10A200HPI-1 Datasheet
278Kb / 5P
   200V, 10A ULTRAFAST DUAL RECTIFIERS
SF20A200HCI KODENSHI-SF20A200HCI Datasheet
264Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SFN20W200CI KODENSHI-SFN20W200CI Datasheet
209Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O034-001 KODENSHI-KSD-D0O034-001 Datasheet
289Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
KSD-D0O035-001 KODENSHI-KSD-D0O035-001 Datasheet
291Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A200HCI-1 KODENSHI-SF20A200HCI-1 Datasheet
258Kb / 5P
   200V, 20A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com