Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7612U Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7612U
Description  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7612U Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC7612U Datasheet HTML 4Page - Burr-Brown (TI) DAC7612U Datasheet HTML 5Page - Burr-Brown (TI) DAC7612U Datasheet HTML 6Page - Burr-Brown (TI) DAC7612U Datasheet HTML 7Page - Burr-Brown (TI) DAC7612U Datasheet HTML 8Page - Burr-Brown (TI) DAC7612U Datasheet HTML 9Page - Burr-Brown (TI) DAC7612U Datasheet HTML 10Page - Burr-Brown (TI) DAC7612U Datasheet HTML 11Page - Burr-Brown (TI) DAC7612U Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
®
DAC7612
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
10.000
1.000
0.100
0.010
OUTPUT VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
Data = FFF
H
5
4
3
2
1
0
–1
–2
–3
–4
–5
LONG-TERM DRIFT ACCELERATED BY BURN-IN
Hours of Operation at +150
°C
0
168
336
504
672
840
1008
Max
Avg
Min
4.111
4.103
4.095
4.087
4.079
FULL-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–40
–15
10
35
60
85
Avg + 3
σ
Avg – 3
σ
Avg
35
30
25
20
15
10
5
0
–12 –10
–8
–6
–4
–2
0
2
8
4
6
10
12
T.U.E =
Σ (INL + Z
SE + FSE)
Sample Size = 200 Units
T
A = +25°C
TOTAL UNADJUSTED ERROR HISTOGRAM
FALL TIME DETAIL
Time (10
µs/div)
C
L = 100pF
R
L = No Load
LOADDACS
3
2
1
0
–1
ZERO-SCALE VOLTAGE vs TEMPERATURE
Temperature (
°C)
–40
–15
10
35
60
85
Avg – 3
σ
Avg
Avg + 3
σ


Similar Part No. - DAC7612U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7612U TI1-DAC7612U Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U TI1-DAC7612U Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U/2K5 TI1-DAC7612U/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U/2K5 TI1-DAC7612U/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U/2K5G4 TI1-DAC7612U/2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7612U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com