Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7611P Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7611P
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7611P Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC7611P Datasheet HTML 4Page - Burr-Brown (TI) DAC7611P Datasheet HTML 5Page - Burr-Brown (TI) DAC7611P Datasheet HTML 6Page - Burr-Brown (TI) DAC7611P Datasheet HTML 7Page - Burr-Brown (TI) DAC7611P Datasheet HTML 8Page - Burr-Brown (TI) DAC7611P Datasheet HTML 9Page - Burr-Brown (TI) DAC7611P Datasheet HTML 10Page - Burr-Brown (TI) DAC7611P Datasheet HTML 11Page - Burr-Brown (TI) DAC7611P Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
®
11
DAC7611
The output amplifier has a 7
µs typical settling time to ±1
LSB of the final value. Note that there are differences in the
settling time for negative-going signals versus positive-
going signals.
The rail-to-rail output stage of the amplifier provides the
full-scale range of 0V to 4.095V while operating on a supply
voltage as low as 4.75V. In addition to its ability to drive
resistive loads, the amplifier will remain stable while driving
capacitive loads of up to 500pF. See Figure 3 for an equiva-
lent circuit schematic of the amplifier’s output driver and the
Typical Performance Curves section for more information
regarding settling time, load driving capability, and output
noise.
The DAC7611 power supply should be bypassed as shown
in Figure 1. The bypass capacitors should be placed as close
to the device as possible, with the 0.1uF capacitor taking
priority in this regard. The Power Supply Rejection vs
Frequency graph in the Typical Performance Curves section
shows the PSRR performance of the DAC7611. This should
be taken into account when using switching power supplies
or DC/DC converters.
In addition to offering guaranteed performance with VDD in
the 4.75V to 5.25V range, the DAC7611 will operate with
reduced performance down to 4.5V. Operation between
4.5V and 4.75V will result in longer settling time, reduced
performance, and current sourcing capability. Consult the
VDD vs Load Current graph in the Typical Performance
Curves section for more information.
APPLICATIONS
POWER AND GROUNDING
The DAC7611 can be used in a wide variety of situations—
from low power, battery operated systems to large-scale
industrial process control systems. In addition, some appli-
cations require better performance than others, or are par-
ticularly sensitive to one or two specific parameters. This
diversity makes it difficult to define definite rules to follow
concerning the power supply, bypassing, and grounding.
The following discussion must be considered in relation to
the desired performance and needs of the particular system.
A precision analog component requires careful layout, ad-
equate bypassing, and a clean, well-regulated power supply.
As the DAC7611 is a single-supply, +5V component, it will
often be used in conjunction with digital logic,
microcontrollers, microprocessors, and digital signal proces-
sors. The more digital logic present in the design and the
higher the switching speed, the more difficult it will be to
achieve good performance.
Because the DAC7611 has a single ground pin, all return
currents, including digital and analog return currents, must
flow through this pin. The GND pin is also the ground
reference point for the internal bandgap reference. Ideally,
GND would be connected directly to an analog ground
plane. This plane would be separate from the ground con-
nection for the digital components until they are connected
at the power entry point of the system (see Figure 4).
The power applied to VDD should be well regulated and low-
noise. Switching power supplies and DC/DC converters will
often have high-frequency glitches or spikes riding on the
output voltage. In addition, digital components can create
similar high frequency spikes as their internal logic switches
states. This noise can easily couple into the DAC output
voltage through various paths between VDD and VOUT.
N-Channel
P-Channel
V
DD
V
OUT
AGND
FIGURE 3. Simplified Driver Section of Output Amplifier.
POWER SUPPLY
A BiCMOS process and careful design of the bipolar and
CMOS sections of the DAC7611 result in a very low power
device. Bipolar transistors are used where tight matching
and low noise are needed to achieve analog accuracy, and
CMOS transistors are used for logic, switching functions
and for other low power stages.
If power consumption is critical, it is important to keep the
logic levels on the digital inputs (SDI, CLK, CS, LD, CLR)
as close as possible to either V
DD or ground. This will keep
the CMOS inputs (see “Supply Current vs Logic Input
Voltages” in the Typical Performance Curves) from shunt-
ing current between VDD and ground. Thus, CMOS logic
levels rather than TTL logic levels, are strongly recom-
mended for driving the DAC7611.


Similar Part No. - DAC7611P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7611P TI-DAC7611P Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611PB TI-DAC7611PB Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611PG4 TI-DAC7611PG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7611P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com