Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC715UK Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC715UK
Description  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC715UK Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC715UK Datasheet HTML 3Page - Burr-Brown (TI) DAC715UK Datasheet HTML 4Page - Burr-Brown (TI) DAC715UK Datasheet HTML 5Page - Burr-Brown (TI) DAC715UK Datasheet HTML 6Page - Burr-Brown (TI) DAC715UK Datasheet HTML 7Page - Burr-Brown (TI) DAC715UK Datasheet HTML 8Page - Burr-Brown (TI) DAC715UK Datasheet HTML 9Page - Burr-Brown (TI) DAC715UK Datasheet HTML 10Page - Burr-Brown (TI) DAC715UK Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
DAC715
DAC715 CALIBRATION VALUES
1 LEAST SIGNIFICANT BIT = 152
µV
DIGITAL INPUT CODE
ANALOG
BINARY TWO’S
OUTPUT
COMPLEMENT, BTC
(V)
DESCRIPTION
7FFFH
9.999847
Full Scale –1LSB
|
4000H
7.5
3/4 Scale
|
0001H
5.000152
Half Scale + 1LSB
0000H
5
Half Scale
FFFFH
4.999847
Half Scale – 1LSB
|
C000H
2.5
1/4 Scale
|
8000H
0
Zero
Gain Adjustment
Apply the digital input that gives the maximum positive
voltage output. Adjust the gain potentiometer or the gain
adjust D/A converter for this positive full scale voltage.
INSTALLATION
GENERAL CONSIDERATIONS
Due to the high-accuracy of the DAC715, system design
problems such as grounding and contact resistance become
very important. A 16-bit converter with a 10V full-scale
range has a 1LSB value of 152
µV. With a load current of
5mA, series wiring and connector resistance of only 60m
will cause a voltage drop of 300
µV. To understand what this
means in terms of a system layout, the resistivity of a typical
1 ounce copper-clad printed circuit board is 1/2 m
Ω per
square. For a 5mA load, a 10 milliinch wide printed circuit
conductor 60 milliinches long will result in a voltage drop of
150
µV.
The analog output of DAC715 has an LSB size of 152
µV
(–96dB). The noise floor of the D/A must remain below this
level in the frequency range of interest. The DAC715’s noise
spectral density (which includes the noise contributed by the
internal reference) is shown in the Typical Performance
Curves section.
Wiring to high-resolution D/A converters should be routed
to provide optimum isolation from sources of RFI and EMI.
The key to elimination of RF radiation or pickup is small
loop area. Signal leads and their return conductors should be
kept close together such that they present a small capture
cross-section for any external field. Wire-wrap construction
is not recommended.
POWER SUPPLY AND
REFERENCE CONNECTIONS
Power supply decoupling capacitors should be added as
shown in Figure 4. Best performance occurs using a 1 to
10
µF tantalum capacitor at –V
CC. Applications with less
critical settling time may be able to use 0.01
µF at –V
CC as
TABLE I. Digital Input and Analog Output Voltage Calibra-
tion Values.
well as at +V
CC. The capacitors should be located close to the
package.
The DAC715 has separate ANALOG COMMON and DIGI-
TAL COMMON pins. The current through DCOM is mostly
switching transients and are up to 1mA peak in amplitude.
The current through ACOM is typically 5
µA for all codes.
Use separate analog and digital ground planes with a single
interconnection point to minimize ground loops. The analog
pins are located adjacent to each other to help isolate analog
from digital signals. Analog signals should be routed as far
as possible from digital signals and should cross them at
right angles. A solid analog ground plane around the D/A
package, as well as under it in the vicinity of the analog and
power supply pins, will isolate the D/A from switching
currents. It is recommended that DCOM and ACOM be
connected directly to the ground planes under the package.
If several DAC715s are used or if DAC715 shares supplies
with other components, connecting the ACOM and DCOM
lines together once at the power supplies rather than at each
chip may give better results.
LOAD CONNECTIONS
Since the reference point for V
OUT and VREF OUT is the ACOM
pin, it is important to connect the D/A converter load
directly to the ACOM pin. Refer to Figure 5.
Lead and contact resistances are represented by R
1 through
R
3. As long as the load resistance RL is constant, R1 simply
introduces a gain error and can be removed by gain adjust-
ment of the D/A or system-wide gain calibration. R
2 is part
of R
L if the output voltage is sensed at ACOM.
In some applications it is impractical to return the load to the
ACOM pin of the D/A converter. Sensing the output voltage
at the SYSTEM GROUND point is reasonable, because
there is no change in DAC715 ACOM current, provided that
FIGURE 4. Power Supply Connections.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+
0.01µF
DCOM
ACOM
V
OUT
V
REF OUT
+V
CC
–V
CC
0.01µF
+
+12V to +15V
–12V to –15V


Similar Part No. - DAC715UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715UK TI1-DAC715UK Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715UKG4 TI1-DAC715UKG4 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Similar Description - DAC715UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com