Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC7541A Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. DAC7541A
Description  Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

DAC7541A Datasheet(HTML) 1 Page - Burr-Brown (TI)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Low Cost 12-Bit CMOS
Four-Quadrant Multiplying
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q FULL FOUR-QUADRANT
MULTIPLICATION
q 12-BIT END-POINT LINEARITY
q DIFFERENTIAL LINEARITY
±1/2LSB MAX
OVER TEMPERATURE
q MONOTONICITY GUARANTEED OVER
TEMPERATURE
q TTL-/CMOS-COMPATIBLE
q SINGLE +5V TO +15V SUPPLY
q LATCH-UP RESISTANT
q 7521/7541/7541A REPLACEMENT
q PACKAGES: Plastic DIP, Plastic SOIC
q LOW COST
DESCRIPTION
The Burr-Brown DAC7541A is a low cost 12-bit,
four-quadrant multiplying digital-to-analog converter.
Laser-trimmed thin-film resistors on a monolithic
CMOS circuit provide true 12-bit integral and differ-
ential linearity over the full specified temperature
range.
DAC7541A is a direct, improved pin-for-pin replace-
ment for 7521, 7541, and 7541A industry standard
parts. In addition to a standard 18-pin plastic package,
the DAC7541A is also available in a surface-mount
plastic 18-pin SOIC.
10k
10k
20k
20k
10k
20k
10k
20k
10k
20k
I
OUT 2
Bit 11
Bit 3
Bit 2
Bit 1
(MSB)
V
REF
Bit 12
(LSB)
20k
I
OUT 1
R
FB
SPDT NMOS
Switches
Digital Inputs (DTL-/TTL-/CMOS-compatible)
Logic: A switch is closed to I
OUT 1 for its digital input in a “HIGH” state.
Switches shown for digital inputs “HIGH”.
DAC7541A
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
©1987 Burr-Brown Corporation
PDS-639C
Printed in U.S.A. September, 1993


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn