Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC7541A Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. DAC7541A
Description  Low Cost 12-Bit CMOS Four-Quadrant Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7541A Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC7541A Datasheet HTML 1Page - Burr-Brown (TI) DAC7541A Datasheet HTML 2Page - Burr-Brown (TI) DAC7541A Datasheet HTML 3Page - Burr-Brown (TI) DAC7541A Datasheet HTML 4Page - Burr-Brown (TI) DAC7541A Datasheet HTML 5Page - Burr-Brown (TI) DAC7541A Datasheet HTML 6Page - Burr-Brown (TI) DAC7541A Datasheet HTML 7Page - Burr-Brown (TI) DAC7541A Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
®
DAC7541A
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VDD = +15V, unless otherwise noted.
MECHANICAL INFORMATION
MILS (0.001")
MILLIMETERS
Die Size
104 x 105
±5
2.64 x 2.67
±0.13
Die Thickness
20
±3
0.51
±0.08
Min. Pad Size
4 x 4
0.10 x 0.10
Metalization
Aluminum
PAD
FUNCTION
1IOUT1
2IOUT2
3
GND
4
Bit 1 (MSB)
5
Bit 2
6
Bit 3
7
Bit 4
8
Bit 5
9
Bit 6
PAD
FUNCTION
10
Bit 7
11
Bit 8
12
Bit 9
13
Bit 10
14
Bit 11
15
Bit 12 (LSB)
16
+VDD
17
VREF
18
RFEEDBACK
Substrate Bias: Isolated.
NC: No Connection.
DIE TOPOLOGY DAC7541A
0
GAIN ERROR vs SUPPLY VOLTAGE
015
3
5/2
2
3/2
1
1/2
Supply Voltage (V)
510
0.001
Frequency (Hz)
FEEDTHROUGH ERROR vs FREQUENCY
1M
1k
10k
100
100k
10
1
0.10
0.010
0
LINEARITY vs SUPPLY VOLTAGE
015
3/2
5/4
1
3/4
1/2
1/4
Supply Voltage (V)
510
0
SUPPLY CURRENT vs SUPPLY VOLTAGE
015
3/2
5/4
1
3/4
1/2
1/4
Supply Voltage (V)
510
V
IH = +2.4V
V
IH = VDD


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn