Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC714HC Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC714HC
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC714HC Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC714HC Datasheet HTML 6Page - Burr-Brown (TI) DAC714HC Datasheet HTML 7Page - Burr-Brown (TI) DAC714HC Datasheet HTML 8Page - Burr-Brown (TI) DAC714HC Datasheet HTML 9Page - Burr-Brown (TI) DAC714HC Datasheet HTML 10Page - Burr-Brown (TI) DAC714HC Datasheet HTML 11Page - Burr-Brown (TI) DAC714HC Datasheet HTML 12Page - Burr-Brown (TI) DAC714HC Datasheet HTML 13Page - Burr-Brown (TI) DAC714HC Datasheet HTML 14Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
®
DAC714
FIGURE 7. Gain and Offset Adjustment in the Bipolar Mode Using D/A Converters (–10V to +10V output range).
10k
9
13
10
14
11
±10V V
OUT
DAC714
9.75k
IDAC
0-2mA
15k
R
3
11.8k
0 to +10V
R
4
24.3k
180
250
Internal
+10V Reference
V
REF OUT
Gain Adjust
Offset Adjust
R
1
200
R
2
1.3k
R
FB VREF A
12
Suggested Op Amps
OPA177GP, GS or
OPA604AP, AU
R
FB VREF B
0 to +10V
Suggested Op Amps
OPA177GP, GS: Single or
OPA2604AP, AU: Dual
5k
10k
+10V
10k
–10V
Suggested D/As
CMOS
DAC7800: Dual: Serial Input, 12-bit Resolution
DAC7801: Dual: 8-bit Port Input, 12-bit Resolution
DAC7802: Dual: 12-bit Port Input, 12-bit Resolution
DAC7528: Dual: 8-bit Port Input, 8-bit Resolution
DAC7545: Dual: 12-bit Port Input, 12-bit Resolution
DAC8043: Single: Serial Input, 12-bit Resolution
BIPOLAR (complete)
DAC813 (Use 11-bit resolution for 0V to +10V output. No op amps required).
10k
R
FB2
Bipolar Offset
For no external adjustments, pins 13 and 14 are not
connected. External resistors R
1 - R4 tolerance: ±1%.
Range of adjustment at least ±0.3% FSR.


Similar Part No. - DAC714HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC714HC TI1-DAC714HC Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
More results

Similar Description - DAC714HC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com