Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0266A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0266A
Description  SAW Filter 246 MHz SMD 5.0x7.0 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0266A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0266A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0266A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0266A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0266A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0266A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0266A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0266A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB0266A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
2.TAPE DIMENSION
Direction of Feed


Similar Part No. - TB0266A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
logo
Golledge Electronics Lt...
TB0266A GOLLEDGE-TB0266A Datasheet
250Kb / 5P
   SAW Filter 246.0MHz
More results

Similar Description - TB0266A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
TB0208A TAI-SAW-TB0208A Datasheet
371Kb / 6P
   SAW Filter 243 MHz SMD 5.0x7.0 mm
TB0484A TAI-SAW-TB0484A Datasheet
249Kb / 7P
   SAW Filter 169.2 MHz SMD 5.0X7.0 mm
TB0217A TAI-SAW-TB0217A Datasheet
246Kb / 5P
   SAW Filter 140 MHz SMD 5.0x7.0 mm
TB0483A TAI-SAW-TB0483A Datasheet
250Kb / 7P
   SAW Filter 165.45 MHz SMD 5.0X7.0 mm
TB0485A TAI-SAW-TB0485A Datasheet
249Kb / 7P
   SAW Filter 173.075 MHz SMD 5.0X7.0 mm
TB0557A TAI-SAW-TB0557A Datasheet
242Kb / 7P
   SAW Filter 135.53 MHz SMD 5.0X7.0 mm
TB0633A TAI-SAW-TB0633A Datasheet
251Kb / 8P
   SAW Filter 300 MHz SMD 5.0X7.0 mm
TB0482A TAI-SAW-TB0482A Datasheet
248Kb / 7P
   SAW Filter 164.175 MHz SMD 5.0X7.0 mm
TB0276A TAI-SAW-TB0276A Datasheet
333Kb / 6P
   SAW Filter 163 MHz SMD 5.0x7.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com