Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3A400H Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SF3A400H
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF3A400H Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SF3A400H Datasheet HTML 1Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 2Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 3Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 4Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D6A013-001
1
SF3A400H
Ultrafast Recovery Rectifier
TO-252
ULTRA FAST RECOVERY POWER RECTIFIER
Features
 Low forward voltage drop
 Ultrafast reverse recovery time : trr(Typ.)=20ns
 High speed switching
 Low power loss and High efficiency
 Full lead (Pb)-free and RoHS compliant device
Applications
 General purpose
 Switching mode power supply
 Free-wheeling diode for motor application
 Power switching circuits
 DC-DC converter systems
Description
The SF3A400H is specially suited for switching mode base drive & transistor circuits. The device is also
intended for use as a freewheeling diode in power supplies and other power switching applications.
Ordering Information
Device
Marking Code
Package
SF3A400H
3A4H
SOD-106
Marking Information
Product Characteristics
IF(AV)
3A
VRRM
400V
VFM @ Tj=125℃
1.05V
trr (Typ.)
20ns
3 A 4 H
Y W W
3 A 4 H
Y W W
3A4H = Specific Device Code
YWW = Year & Week Code Marking
-. Y = Year Code
-. WW = Week Code
= Color band denote cathode
SOD-106
Pin Configuration
Pin 1: Cathode
Pin 2: Anode
2
1
2
1


Similar Part No. - SF3A400H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF3A400H KODENSHI-SF3A400H Datasheet
235Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

Similar Description - SF3A400H

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com