Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC2814 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC2814
Description  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2814 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC2814 Datasheet HTML 1Page - Burr-Brown (TI) DAC2814 Datasheet HTML 2Page - Burr-Brown (TI) DAC2814 Datasheet HTML 3Page - Burr-Brown (TI) DAC2814 Datasheet HTML 4Page - Burr-Brown (TI) DAC2814 Datasheet HTML 5Page - Burr-Brown (TI) DAC2814 Datasheet HTML 6Page - Burr-Brown (TI) DAC2814 Datasheet HTML 7Page - Burr-Brown (TI) DAC2814 Datasheet HTML 8Page - Burr-Brown (TI) DAC2814 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
DAC2814
SPECIFICATIONS, Guaranteed over T
A = –40°C to +85°C unless otherwise specified.
ELECTRICAL
Specifications as shown for VS = ±12V or ±15V, VL = +5V, and RL = 2kΩ unless otherwise noted.
DAC2814AP
DAC2814BP
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DIGITAL INPUTS
Resolution
12
*
Bits
VIH (Input High Voltage)
+2
+5
*
*
V
VIL (Input Low Voltage)
0
+0.8
*
*
V
IIN ( Input Current)
TA = 25°C
±1*
µA
TA = –40°C to +85°C
±10
*
µA
CIN (Input Capacitance)
0.8
*
pF
DIGITAL OUTPUT
Data Out VOL
ISINK = 1.6mA
0
+0.4
*
*
V
VOH
ISOURCE = 500µA
+2.4
+5
*
*
V
ACCURACY
Integral, Relative Linearity(1)
±1
±1/2
LSB
Differential Nonlinearity(2)
TA = 25°C
±1
*
LSB
TA = –40°C to +85°C
+1.5/–1
±1
LSB
Unipolar Offset Error
TA = +25°C
±1
±0.5
mV
TA = –40°C TO +85°C
±3*
mV
Bipolar Zero Error
±20
±10
mV
Gain Error Unipolar, Bipolar
With Internal or External 10.0V Ref
±0.2
±0.15
%
Power Supply Sensitivity(3)
VS = ±11.4V to ±18V
30
*
ppmFSR/V
VL = +4.5V to +5.5V
TEMPERATURE DRIFT
Gain Drift Unipolar, Bipolar
±5
±30
*
±20
ppm/
°C
Unipolar Offset Drift
±0.1
±5
*
*
ppmFSR/
°C
Bipolar Zero Drift
±5
±15
*
±8
ppmFSR/
°C
REFERENCE OUTPUT
Output Voltage
+9.980
+10
+10.020
+9.985
*
+10.015
V
Reference Drift
±2
±30
*
±20
ppm/
°C
Output Current
TA = 25°C
+10/–5
*
mA
TA = –40°C to +85°C
+6.5/–5
*
mA
Max Load Capacitance (For Stability)
500
*
pF
Short Circuit Current
±20
*
mA
Load Regulation
40
*
ppm/mA
(
∆ V
OUT vs ∆ ILOAD)
Supply Regulation
±5
*
ppm/V
(
∆ V
OUT vs ∆ VS)
INVERTER
–10V Reference(4), Inverter Output
–10.020
–10
–9.980
–10.015
*
–9.985
V
–10V Reference Drift
±30
±20
ppm/
°C
DC Output Impedance
0.1
*
Output Current
±7*
mA
Max Load Capacitance (For Stability)
200
*
pF
Short Circuit Current
±30
*
mA
REFERENCE INPUT
Reference Input Resistance
3.5
5
*
*
k
Inverter Input Resistance
7
10
*
*
k
BPO Input Resistance
14
20
*
*
k
Reference Input Range
±10
*
V
ANALOG SIGNAL OUTPUTS
Voltage Range
–VS + 1.4
+VS – 1.4
*
*
V
DC Output Impedance
0.1
*
Output Current
±5*
mA
Max Load Capacitance (For Stability)
VOUT
500
*
pF
Short Circuit Current
±30
*
mA
DYNAMIC PERFORMANCE(5)
CL = 100pF
Unipolar Mode Settling Time
To 1/2 LSB of Full Scale
2.5
10
*
*
µs
Bipolar Mode Settling Time
To 1/2 LSB of Full Scale
3.5
10
*
*
µs
Slew Rate
10
*
V/
µs
Small-Signal Bandwidth
3
*
MHz
ANALOG GROUND CURRENT
(Code Dependent)
±2*
mA
DIGITAL CROSSTALK
Full Scale Transition
3
*
nV-s
CL= 100pF
D/A GLITCH IMPULSE
30
*
nV-s


Similar Part No. - DAC2814

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
DAC2812S MSK-DAC2812S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2812SE MSK-DAC2812SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Similar Description - DAC2814

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com