Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0224A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0224A
Description  SAW Filter 60 MHz SMD 13.3x6.5 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0224A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0224A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0224A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0224A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0224A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0224A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0224A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
G. Packing:
(1). REEL DIMENSION:
(2). TYPE DIMENSION:


Similar Part No. - TB0224A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0224A GOLLEDGE-TB0224A Datasheet
88Kb / 3P
   SAW Filter 60.0MHz
More results

Similar Description - TB0224A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0259A TAI-SAW-TB0259A Datasheet
314Kb / 6P
   SAW Filter 73.125 MHz SMD 13.3x6.5 mm
TB0241A TAI-SAW-TB0241A Datasheet
454Kb / 4P
   SAW Filter 210.38 MHz SMD 13.3x6.5 mm
TB0444A TAI-SAW-TB0444A Datasheet
294Kb / 7P
   SAW Filter 78 MHz SMD 13.3x6.5 mm
TB0292A TAI-SAW-TB0292A Datasheet
760Kb / 6P
   IF SAW Filter 80 MHz (SMD 13.3X6.5)
TB0727A TAI-SAW-TB0727A Datasheet
347Kb / 7P
   SAW Filter 168MHz 20MHz BW (SMD 13.3x6.5 mm)
TB1340A TAI-SAW-TB1340A Datasheet
349Kb / 6P
   70MHz 40.06MHz BW SMD 13.3X6.5 mm SAW IF Filter
TB1339A TAI-SAW-TB1339A Datasheet
331Kb / 6P
   70MHz 0.78MHz BW SMD 13.3X6.5 mm SAW IF Filter
TA1713A TAI-SAW-TA1713A Datasheet
470Kb / 7P
   SAW Filter 1370 MHz SMD 3.0횞3.0 mm (BW=60 MHz)
TB0634A TAI-SAW-TB0634A Datasheet
343Kb / 7P
   SAW Filter 60 MHz SMD 13.3mmX6.5mm
TB0636A TAI-SAW-TB0636A Datasheet
341Kb / 7P
   SAW Filter 60 MHz SMD 13.3mmX6.5mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com