Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBPMANN001BAUNV Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # NBPMANN001BAUNV
Description  Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NBPMANN001BAUNV Datasheet(HTML) 3 Page - Honeywell Accelerometers

  NBPMANN001BAUNV Datasheet HTML 1Page - Honeywell Accelerometers NBPMANN001BAUNV Datasheet HTML 2Page - Honeywell Accelerometers NBPMANN001BAUNV Datasheet HTML 3Page - Honeywell Accelerometers NBPMANN001BAUNV Datasheet HTML 4Page - Honeywell Accelerometers NBPMANN001BAUNV Datasheet HTML 5Page - Honeywell Accelerometers NBPMANN001BAUNV Datasheet HTML 6Page - Honeywell Accelerometers NBPMANN001BAUNV Datasheet HTML 7Page - Honeywell Accelerometers NBPMANN001BAUNV Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Honeywell Sensing and Control
3
Table 4. Wetted Materials
9
Parameter
Non-Gel Coating Option
Gel Coating Option
Covers
high temperature polyamide
high temperature polyamide
Substrate
alumina ceramic
silicone gel
Adhesives
epoxy, RTV
epoxy
Electronic components
ceramic, silicon, gold, glass
Notes:
1. Absolute maximum ratings are the extreme limits the device will withstand without damage.
2. Ratiometricity of the sensor (the ability of the device output to scale to the supply voltage) is achieved within the specified operating voltage.
3. Incorrect application of supply voltage or ground to the wrong pin may cause electrical failure.
4. The specified temperature range is the temperature range over which the sensor will produce an output proportional to pressure within the
specified performance limits.
5. Accuracy: The maximum deviation in output from a Best Fit Straight Line (BFSL) fitted to the output measured over the pressure range at
25 °C [77 °F]. Includes all errors due to pressure non-linearity, pressure hysteresis, and non-repeatability.
6. Full Scale Span (FSS) is the algebraic difference between the output signal measured at the maximum and minimum limits of the pressure
range. (See Figure 1 for ranges.)
7. TCR (Thermal Effect on Resistance): The deviation in input resistance due to change in temperature over the specified temperature range,
relative to input resistance measured at °C.
8. Life may vary depending on specific application in which sensor is utilized.
9. Contact Honeywell Customer Service for detailed material information.
CAUTION
MISUSE OF GEL COATING OPTION
Non-gel coating option: The input port is limited to non-corrosive, non-ionic media such as dry air and gases and should not
be exposed to condensation. The gases are limited to media that are compatible with the following wetted materials of
construction: high temperature polyamide, silicone, alumina ceramic, silicon, gold, and glass.
Gel coating option: The gel coated sensors use the same materials in the wetted media path but are protected from
condensation by a silicone-based gel coating. The gel coating option allows use in applications where condensation can
occur.
Failure to comply with these instructions may result in product damage.
Figure 1. Nomenclature and Order Guide
DIP
Series
Package
D = DIP (Dual Inline Pin)
L = Leadless SMT (Surface Mount
Technology)
M = SMT (Surface Mount Technology)
Compensation
N = Uncompensated
Amplification
U = Unamplified
AN = Single
axial barbed
port
LN = Single
axial barbless
port
Pressure Port
Leadless SMT
SMT
AN = Single
axial barbed
port
AN = Single
axial barbed
port
LN = Single
axial barbless
port
PN = Low-
profile port
NBP _ _ _ _
_ _ _ _ _
V
N
LN = Single
axial barbless
port
Supply Voltage
V = Constant
U
Gel Coating Option
N = No gel in media path
S = Gel coating in media path
PN = Low-
profile port
PN = Low-
profile port
Pressure Range
600 mbar to 10 bar
Absolute
001BA = 0 bar to 1 bar
1.6BA = 0 bar to 1.6 bar
2.5BA = 0 bar to 2.5 bar
004BA = 0 bar to 4 bar
006BA = 0 bar to 6 bar
010BA = 0 bar to 10 bar
Gage
600MG = 0 mbar to 600 mbar
001BG = 0 bar to 1 bar
1.6BG = 0 bar to 1.6 bar
2.5BG = 0 bar to 2.5 bar
004BG = 0 bar to 4 bar
006BG = 0 bar to 6 bar
010BG = 0 bar to 10 bar
15 psi to 150 psi
Absolute
015PA = 0 psi to 15 psi
030PA = 0 psi to 30 psi
060PA = 0 psi to 60 psi
100PA = 0 psi to 100 psi
150PA = 0 psi to 150 psi
Gage
015PG = 0 psi to 15 psi
030PG = 0 psi to 30 psi
060PG = 0 psi to 60 psi
100PG = 0 psi to 100 psi
150PG = 0 psi to 150 psi
Note: See Table 7 for an explanation of sensor pressure types.


Similar Part No. - NBPMANN001BAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPMANN001BAUNV HONEYWELL-ACC-NBPMANN001BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
More results

Similar Description - NBPMANN001BAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
logo
All Sensors Corporation
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com