Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE1103 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1103
Description  HDSL/MDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1103 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  AFE1103 Datasheet HTML 1Page - Burr-Brown (TI) AFE1103 Datasheet HTML 2Page - Burr-Brown (TI) AFE1103 Datasheet HTML 3Page - Burr-Brown (TI) AFE1103 Datasheet HTML 4Page - Burr-Brown (TI) AFE1103 Datasheet HTML 5Page - Burr-Brown (TI) AFE1103 Datasheet HTML 6Page - Burr-Brown (TI) AFE1103 Datasheet HTML 7Page - Burr-Brown (TI) AFE1103 Datasheet HTML 8Page - Burr-Brown (TI) AFE1103 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
®
AFE1103
SPECIFICATIONS
Typical at 25
°C, AV
DD = +5V, DVDD = +3.3V, ftx = 584kHz (E1 rate), unless otherwise specified.
AFE1103E
PARAMETER
COMMENTS
MIN
TYP
MAX
UNITS
RECEIVE CHANNEL
Number of Inputs
Differential
2
Input Voltage Range
Balanced Differential(1)
±3.0
V
Common-Mode Voltage
1.5V CMV Recommended
+1.5
V
Input Impedance
All Inputs
See Typical Performance Curves
Input Capacitance
10
pF
Input Gain Matching
Line Input vs Hybrid Input
±2%
Resolution
14
Bits
Programmable Gain
Four Gains: 0dB, 3.25dB, 6dB, and 9dB
0
9
dB
Settling Time for Gain Change
6
Symbol
Periods
Gain + Offset Error
Tested at Each Gain Range
5
%FSR(2)
Output Data Coding
Offset Binary
Output Data Rate, rxSYNC(3)
98
584
kHz
TRANSMIT CHANNEL
Transmit Symbol Rate, ftx
98
584
kHz
T1 Transmit –3dB Point
Bellcore TA-NWT-3017 Compliant
196
kHz
T1 Rate Power Spectral Density(4)
See Typical Performance Curves
E1 Transmit –3dB Point
ETSI RTR/TM-03036 Compliant
292
kHz
E1 Rate Power Spectral Density(4)
See Typical Performance Curves
Transmit Power(4, 5)
13
14
dBm
Pulse Output
See Typical Performance Curves
Common-Mode Voltage, VCM
AVDD/2
V
Output Resistance(6)
DC to 1MHz
1
TRANSCEIVER PERFORMANCE
Uncancelled Echo(7)
rxGAIN = 0dB, Loopback Enabled
–67
dB
rxGAIN = 0dB, Loopback Disabled
–67
dB
rxGAIN = 3.25dB, Loopback Disabled
–69
dB
rxGAIN = 6dB, Loopback Disabled
–71
dB
rxGAIN = 9dB, Loopback Disabled
–73
dB
DIGITAL INTERFACE(6)
Logic Levels
VIH
|IIH| < 10µADVDD –1
DVDD +0.3
V
VIL
|IIL| < 10µA
–0.3
+0.8
V
VOH
IOH = –20µADVDD –0.5
V
VOL
IOL = 20µA
+0.4
V
Transmit/Receive Channel Interface
ttx1
txCLK Period
1.7
10.2
µs
ttx2
txCLK Pulse Width
ttx1/16
15ttx1/16
ns
POWER
Analog Power Supply Voltage
Specification
5
V
Analog Power Supply Voltage
Operating Range
4.75
5.25
V
Digital Power Supply Voltage
Specification
3.3
V
Digital Power Supply Voltage
Operating Range
3.15
5.25
V
Power Dissipation(4, 5, 8)
DVDD = 3.3V
250
mW
Power Dissipation(4, 5, 8)
DVDD = 5V
300
mW
PSRR
60
dB
TEMPERATURE RANGE
Operating(6)
–40
+85
°C
NOTES: (1) With a balanced differential signal, the positive input is 180
° out of phase with the negative input, therefore the actual voltage swing about the common
mode voltage on each pin is
±1.5V to achieve a differential input range of ±3.0V or 6Vp-p. (2) FSR is Full-Scale Range. (3) The output data is available at twice the
symbol rate with interpolated values. (4) With a pseudo-random equiprobable sequence of HDSL pulses; 13.5dBm applied to the transformer (27dBm output from
txLINEP and txLINEN). (5) See the Discussion of Specifications section of this data sheet for more information. (6) Guaranteed by design and characterization. (7)
Uncancelled Echo is a measure of the total analog errors in the transmitter and receiver sections including the effect of non-linearity and noise. See the Discussion
of Specifications section of this data sheet for more information. (8) Power dissipation includes only the power dissipated within the component and does not include
power dissipated in the external loads. See the Discussion of Specifications section for more information.


Similar Part No. - AFE1103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1104 BURR-BROWN-AFE1104 Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105E BURR-BROWN-AFE1105E Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com