Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMDAXXC-8 Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part No. SMDAXXC-8
Description  Transient Voltage Suppressors Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UNSEMI [UN Semiconducctor INC]
Homepage  http://www.unsemi.com.tw
Logo 

SMDAXXC-8 Datasheet(HTML) 1 Page - UN Semiconducctor INC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors Array for ESD Protection
Revision January 06, 2014
1 / 3
@ UN Semiconductor Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
SMDAXXC-8 Series
UN Semiconductor Co., Ltd.
www.unsemi.com.tw
SOP-14
The SMDAxxC-8 series of transient voltage suppressors are
designed to protect components which are connected to data
and transmission lines from voltage surges caused by
electrostatic discharge (ESD), electrical fast transients (EFT),
and lightning.
TVS diodes are characterized by their high surge capability, low
operating and clamping voltages, and fast response time.
This makes them ideal for use as board level protection of
sensitive semiconductor components. The SMDAxxC-8 is
designed to provide transient suppression on multiple data lines
and I/O ports. The low profile SOP-14 design allows the user to
protect up to eight data and I/O lines with one package. They
are bidirectional device and may be used on lines where the
normal operating voltage is above and below ground (i.e. -12V
to +12V).
u
300 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects Eight Data Lines
u
Working Voltage : 5V, 12V, 15V and 24V
u
Monolithic Design
u
RoHS Compliant
u
IEC61000-4-2 (ESD)
±30kV (air), ±30kV (contact) - 5V,
12V, 15V
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact) -24V
u
IEC61000-4-4 (EFT) 40A (5/50
ηs)
u
IEC61000-4-5 (Lightning) 12A (8/20
μs)
u
Microprocessor Based Equipment
u
RS-232 and RS-422 Data Lines
u
LAN/WAN Equipment
u
Notebooks, Desktops and Servers
u
Instrumentation
u
Set Top Box
u
Serial and Parallel Ports
u
Peripherals
u
JEDEC SOP-14 Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 150.0 Milligrams (Approximate)
u
Quantity Per Reel : 500pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
300
W
TL
Lead Soldering Temperature
260 (10sec)
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TJ
Operating Temperature Range
-55 to +150
ºC
IEC61000-4-4 (EFT)
40
A
IEC61000-4-5 ( Lightning )
12
A
Mechanical Characteristics
Description
Feature
Functional Diagram
Applications
Mechanical Characteristics


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn