Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8320EB Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. ADS8320EB
Description  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

ADS8320EB Datasheet(HTML) 6 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
ADS8320
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VCC = +2.7V, VREF = +2.5V, fSAMPLE = 100kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
CHANGE IN OFFSET vs REFERENCE VOLTAGE
6
5
4
3
2
1
0
–1
–2
–3
12345
Reference Voltage (V)
V
CC = 5V
CHANGE IN OFFSET vs TEMPERATURE
3
2
1
0
–1
–2
–3
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
2.7V
CHANGE IN GAIN vs REFERENCE VOLTAGE
5
4
3
2
1
0
–1
–2
12345
Reference Voltage (V)
V
CC = 5V
FREQUENCY SPECTRUM
(8192 Point FFT, F
IN = 10.120kHz, –0.3dB)
0
–20
–40
–60
–80
–100
–120
–140
0
1020
30
4050
Frequency (kHz)
PEAK-TO-PEAK NOISE vs REFERENCE VOLTAGE
10
9
8
7
6
5
4
3
2
1
0
0.1
1
10
Reference Voltage (V)
V
CC = 5V
CHANGE IN GAIN vs TEMPERATURE
6
4
2
0
–2
–4
–6
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
2.7V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn