Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS823 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS823
Description  10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS823 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADS823, ADS826
SBAS070B
6
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V single-ended input range = 1.5V to 3.5V, sampling rate = 60MHz, external reference, unless otherwise noted.
UNDERSAMPLING
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7
14
21
28
f
IN = 41MHz
f
S = 56MHz
SNR = 59.8dBFS
SFDR = 78dBFS
2-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
7.50
15
22.50
30
f
1 = 9.5MHz at –7dBFS
f
2 = 9.9MHz at –7dBFS
IMD(3) = –64.4dBc
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
256
512
768
1024
f
IN = 10MHz
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
256
512
768
1024
f
IN = 20MHz
INTEGRAL LINEARITY ERROR
Output Code
2.0
1.0
0
–1.0
–2.0
0
256
512
768
1024
f
IN = 1MHz
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
–60
–50
–40
–30
–10
–20
0
dBc
dBFS
f
IN = 10MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn