Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS822 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS822
Description  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS822 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS822 Datasheet HTML 2Page - Burr-Brown (TI) ADS822 Datasheet HTML 3Page - Burr-Brown (TI) ADS822 Datasheet HTML 4Page - Burr-Brown (TI) ADS822 Datasheet HTML 5Page - Burr-Brown (TI) ADS822 Datasheet HTML 6Page - Burr-Brown (TI) ADS822 Datasheet HTML 7Page - Burr-Brown (TI) ADS822 Datasheet HTML 8Page - Burr-Brown (TI) ADS822 Datasheet HTML 9Page - Burr-Brown (TI) ADS822 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
ADS822, ADS825
UNDERSAMPLING
(Differential Input, 2Vp-p)
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
S = 40MHz
f
IN = 75MHz
SNR = 59dBFS
SFDR = 66dBFS
TWO-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
–20
–40
–60
–80
–100
0
5
10
15
20
f
1 = 9.5MHz at –7dBFS
f
2 = 9.9MHz at –7dBFS
IMD (3) = –67dB
INTEGRAL LINEARITY ERROR
Output Code
2.0
1.0
0
–1.0
–2.0
0
256
512
768
1024
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
20
40
60
80
1024
f
IN = 10MHz
DIFFERENTIAL LINEARITY ERROR
Output Code
1.0
0.5
0
–0.5
–1.0
0
20
40
60
80
1024
f
IN = 1MHz
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = full specified temperature range, VS = +5V, single-ended input range = 1.5V to 3.5V, and sampling rate = 40MHz, external reference, unless otherwise noted.
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
–60
–50
–40
–30
–10
–20
0
dBc
dBFS


Similar Part No. - ADS822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS822 TI1-ADS822 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS822E TI1-ADS822E Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS822E/1K TI1-ADS822E/1K Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
ADS822E/1KG4 TI1-ADS822E/1KG4 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - ADS822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
TLC5615C TI-TLC5615C Datasheet
244Kb / 18P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_15 Datasheet
702Kb / 23P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5615C TI-TLC5615C_07 Datasheet
467Kb / 21P
[Old version datasheet]   10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com