Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS805 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS805
Description  12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS805 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS805 Datasheet HTML 1Page - Burr-Brown (TI) ADS805 Datasheet HTML 2Page - Burr-Brown (TI) ADS805 Datasheet HTML 3Page - Burr-Brown (TI) ADS805 Datasheet HTML 4Page - Burr-Brown (TI) ADS805 Datasheet HTML 5Page - Burr-Brown (TI) ADS805 Datasheet HTML 6Page - Burr-Brown (TI) ADS805 Datasheet HTML 7Page - Burr-Brown (TI) ADS805 Datasheet HTML 8Page - Burr-Brown (TI) ADS805 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ADS805
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
©1997 Burr-Brown Corporation
PDS-1397C
Printed in U.S.A. October, 1998
12-Bit, 20MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
TM
FEATURES
q HIGH SFDR: 74dB at 9.8MHz f
IN
q HIGH SNR: 68dB
q LOW POWER: 300mW
q LOW DLE: 0.25LSB
q SMALL 28-LEAD SSOP AND SOIC
PACKAGES
q FLEXIBLE INPUT RANGE
q OVER-RANGE INDICATOR
APPLICATIONS
q STUDIO CAMERAS
q IF AND BASEBAND DIGITIZATION
q COPIERS
q TEST INSTRUMENTATION
DESCRIPTION
The ADS805 is a 20MHz, high dynamic range, 12-bit pipelined
analog-to-digital converter. This converter includes a high-band-
width track/hold that gives excellent spurious performance up to
and beyond the Nyquist rate. This high-bandwidth, linear track/hold
minimizes harmonics and has low jitter, leading to excellent SNR
performance. The ADS805 is also pin-compatible with the 10MHz
ADS804 and the 5MHz ADS803.
The ADS805 provides an internal reference or an external reference
can be used. ADS805 can be programmed for a 2Vp-p input range
which is the easiest to drive with a single op amp and provides the
best spurious performance. Alternatively, the 5Vp-p input range can
be used for the lowest input-referred noise of 0.09 LSBs rms giving
ADS805U
ADS805E
superior imaging performance. There is also the capability to set the
input range between 2Vp-p and 5Vp-p, either single-ended or
differential. The ADS805 also provides an overrange flag that
indicates when the input signal has exceeded the converter’s full
scale range. This flag can also be used to reduce the gain of the front
end signal conditioning circuitry.
The ADS805 employs digital error techniques to provide excellent
differential linearity for demanding imaging applications. Its low
distortion and high SNR give the extra margin needed for commu-
nications, medical imaging, video and test instrumentation applica-
tions. The ADS805 is available in 28-lead SSOP and SOIC pack-
ages.
12-Bit
Pipelined
A/D Core
Reference and
Mode Select
Reference Ladder
and Driver
Timing Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
D0
D11
CLK
+V
S
ADS805
VDRV
OE
SEL
REFB
V
REF
REFT
IN
V
IN
IN
CM
OVR


Similar Part No. - ADS805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 TI1-ADS805 Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805E TI1-ADS805E Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805E TI1-ADS805E Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS805E/1K TI1-ADS805E/1K Datasheet
868Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820 Datasheet
418Kb / 21P
[Old version datasheet]   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com