Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7843 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7843
Description  TOUCH SCREEN CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7843 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS7843 Datasheet HTML 4Page - Burr-Brown (TI) ADS7843 Datasheet HTML 5Page - Burr-Brown (TI) ADS7843 Datasheet HTML 6Page - Burr-Brown (TI) ADS7843 Datasheet HTML 7Page - Burr-Brown (TI) ADS7843 Datasheet HTML 8Page - Burr-Brown (TI) ADS7843 Datasheet HTML 9Page - Burr-Brown (TI) ADS7843 Datasheet HTML 10Page - Burr-Brown (TI) ADS7843 Datasheet HTML 11Page - Burr-Brown (TI) ADS7843 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
®
11
ADS7843
Data Format
The ADS7843 output data is in Straight Binary format as
shown in Figure 9. This figure shows the ideal output code
for the given input voltage and does not include the effects
of offset, gain, or noise.
FIGURE 9. Ideal Input Voltages and Output Codes.
8-Bit Conversion
The ADS7843 provides an 8-bit conversion mode that can
be used when faster throughput is needed and the digital
result is not as critical. By switching to the 8-bit mode, a
conversion is complete four clock cycles earlier. This could
be used in conjunction with serial interfaces that provide 12-
bit transfers or two conversions could be accomplished with
three 8-bit transfers. Not only does this shorten each conver-
sion by four bits (25% faster throughput), but each conver-
sion can actually occur at a faster clock rate. This is because
the internal settling time of the ADS7843 is not as critical—
settling to better than 8 bits is all that is needed. The clock
rate can be as much as 50% faster. The faster clock rate and
fewer clock cycles combine to provide a 2x increase in
conversion rate.
POWER DISSIPATION
There are two major power modes for the ADS7843: full power
(PD1 - PD0 = 11B) and auto power-down (PD1 - PD0 = 00B).
When operating at full speed and 16-clocks per conversion (as
shown in Figure 6), the ADS7843 spends most of its time
acquiring or converting. There is little time for auto power-
down, assuming that this mode is active. Therefore, the differ-
ence between full power mode and auto power-down is negli-
gible. If the conversion rate is decreased by simply slowing the
frequency of the DCLK input, the two modes remain approxi-
mately equal. However, if the DCLK frequency is kept at the
maximum rate during a conversion but conversions are simply
done less often, the difference between the two modes is
dramatic.
Figure 10 shows the difference between reducing the DCLK
frequency (“scaling” DCLK to match the conversion rate) or
maintaining DCLK at the highest frequency and reducing
the number of conversions per second. In the later case, the
converter spends an increasing percentage of its time in
power-down mode (assuming the auto power-down mode is
active).
Another important consideration for power dissipation is the
reference mode of the converter. In the single-ended refer-
ence mode, the converter’s internal switches are on only
when the analog input voltage is being acquired (see Figure
5). Thus, the external device, such as a resistive touch
screen, is only powered during the acquisition period. In the
differential reference mode, the external device must be
powered throughout the acquisition and conversion periods
(see Figure 5). If the conversion rate is high, this could
substantially increase power dissipation.
LAYOUT
The following layout suggestions should provide the most
optimum performance from the ADS7843. However, many
portable applications have conflicting requirements con-
cerning power, cost, size, and weight. In general, most
portable devices have fairly “clean” power and grounds
because most of the internal components are very low
power. This situation would mean less bypassing for the
converter’s power and less concern regarding grounding.
Still, each situation is unique and the following suggestions
should be reviewed carefully.
For optimum performance, care should be taken with the
physical layout of the ADS7843 circuitry. The basic SAR
architecture is sensitive to glitches or sudden changes on the
power supply, reference, ground connections, and digital
inputs that occur just prior to latching the output of the
analog comparator. Thus, during any single conversion for
an ‘n-bit’ SAR converter, there are n ‘windows’ in which
0V
FS = Full-Scale Voltage = V
REF
(1)
1 LSB = V
REF
(1)/4096
FS – 1 LSB
11...111
11...110
11...101
00...010
00...001
00...000
1 LSB
NOTES: (1) Reference voltage at converter: +REF–(–REF). See Figure 2.
(2) Input voltage at converter, after multiplexer: +IN–(–IN). See Figure 2
Input Voltage(2) (V)
FIGURE 10. Supply Current vs Directly Scaling the Fre-
quency of DCLK with Sample Rate or Keeping
DCLK at the Maximum Possible Frequency.
10k
100k
1k
1M
f
SAMPLE (Hz)
100
10
1
1000
f
CLK = 2MHz
f
CLK = 16 · fSAMPLE
T
A = 25˚C
+V
CC = +2.7V


Similar Part No. - ADS7843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7843-Q1 TI1-ADS7843-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7843E TI1-ADS7843E Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843E BURR-BROWN-ADS7843E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Texas Instruments
ADS7843E/2K5 TI1-ADS7843E/2K5 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Similar Description - ADS7843

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com