Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7841P Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7841P
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7841P Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7841P Datasheet HTML 5Page - Burr-Brown (TI) ADS7841P Datasheet HTML 6Page - Burr-Brown (TI) ADS7841P Datasheet HTML 7Page - Burr-Brown (TI) ADS7841P Datasheet HTML 8Page - Burr-Brown (TI) ADS7841P Datasheet HTML 9Page - Burr-Brown (TI) ADS7841P Datasheet HTML 10Page - Burr-Brown (TI) ADS7841P Datasheet HTML 11Page - Burr-Brown (TI) ADS7841P Datasheet HTML 12Page - Burr-Brown (TI) ADS7841P Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
®
9
ADS7841
Converter
+IN
IN
CH0
CH1
CH2
CH3
COM
A2-A0
(Shown 001
B)
SGL/DIF
(Shown HIGH)
THEORY OF OPERATION
The ADS7841 is a classic successive approximation register
(SAR) analog-to-digital (A/D) converter. The architecture is
based on capacitive redistribution which inherently includes
a sample/hold function. The converter is fabricated on a
0.6
µs CMOS process.
The basic operation of the ADS7841 is shown in Figure 1.
The device requires an external reference and an external
clock. It operates from a single supply of 2.7V to 5.25V. The
external reference can be any voltage between 100mV and
+VCC. The value of the reference voltage directly sets the
input range of the converter. The average reference input
current depends on the conversion rate of the ADS7841.
The analog input to the converter is differential and is
provided via a four-channel multiplexer. The input can be
provided in reference to a voltage on the COM pin (which
is generally ground) or differentially by using two of the four
input channels (CH0 - CH3). The particular configuration is
selectable via the digital interface.
ANALOG INPUT
Figure 2 shows a block diagram of the input multiplexer on
the ADS7841. The differential input of the converter is
derived from one of the four inputs in reference to the COM
pin or two of the four inputs. Table I and Table II show the
relationship between the A2, A1, A0, and SGL/DIF control
bits and the configuration of the analog multiplexer. The
control bits are provided serially via the DIN pin, see the
Digital Interface section of this data sheet for more details.
When the converter enters the hold mode, the voltage
difference between the +IN and –IN inputs (see Figure 2) is
captured on the internal capacitor array. The voltage on the
–IN input is limited between –0.2V and 1.25V, allowing the
input to reject small signals which are common to both the
+IN and –IN input. The +IN input has a range of –0.2V to
+VCC + 0.2V.
FIGURE 2. Simplified Diagram of the Analog Input.
A2
A1
A0
CH0
CH1
CH2
CH3
COM
0
0
1
+IN
–IN
1
0
1
–IN
+IN
0
1
0
+IN
–IN
1
1
0
–IN
+IN
TABLE II. Differential Channel Control (SGL/DIF LOW).
A2
A1
A0
CH0
CH1
CH2
CH3
COM
0
0
1
+IN
–IN
1
0
1
+IN
–IN
0
1
0
+IN
–IN
1
1
0
+IN
–IN
TABLE I. Single-Ended Channel Selection (SGL/DIF HIGH).
The input current on the analog inputs depends on the
conversion rate of the device. During the sample period, the
source must charge the internal sampling capacitor (typi-
cally 25pF). After the capacitor has been fully charged, there
is no further input current. The rate of charge transfer from
the analog source to the converter is a function of conver-
sion rate.
FIGURE 1. Basic Operation of the ADS7841.
+V
CC
CH0
CH1
CH2
CH3
COM
SHDN
V
REF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DCLK
CS
DIN
BUSY
DOUT
MODE
GND
+V
CC
Serial/Conversion Clock
Chip Select
Serial Data In
Serial Data Out
0.1µF
0.1µF
+2.7V to +5V
ADS7841
Single-ended
or differential
analog inputs
+
1µF
to
10µF


Similar Part No. - ADS7841P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7841P TI-ADS7841P Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841P TI1-ADS7841P Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PB TI-ADS7841PB Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PB TI1-ADS7841PB Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PBG4 TI-ADS7841PBG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7841P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
[Old version datasheet]   12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com