Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7834 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7834
Description  12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7834 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7834 Datasheet HTML 1Page - Burr-Brown (TI) ADS7834 Datasheet HTML 2Page - Burr-Brown (TI) ADS7834 Datasheet HTML 3Page - Burr-Brown (TI) ADS7834 Datasheet HTML 4Page - Burr-Brown (TI) ADS7834 Datasheet HTML 5Page - Burr-Brown (TI) ADS7834 Datasheet HTML 6Page - Burr-Brown (TI) ADS7834 Datasheet HTML 7Page - Burr-Brown (TI) ADS7834 Datasheet HTML 8Page - Burr-Brown (TI) ADS7834 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
ADS7834
ADS7834
DESCRIPTION
The ADS7834 is a 12-bit sampling analog-to-digital
converter (A/D) complete with sample/hold, internal
2.5V reference, and synchronous serial interface. Typi-
cal power dissipation is 11mW at a 500kHz through-
put rate. The device can be placed into a power-down
mode which reduces dissipation to just 2.5mW. The
input range is zero to the reference voltage, and the
internal reference can be overdriven by an external
voltage.
Low power, small size, and high-speed make the
ADS7834 ideal for battery operated systems such as
wireless communication devices, portable multi-chan-
nel data loggers, and spectrum analyzers. The serial
interface also provides low-cost isolation for remote
data acquisition. The ADS7834 is available in a plastic
mini-DIP-8 or an MSOP-8 package and is guaranteed
over the –40
°C to +85°C temperature range.
12-Bit High Speed Low Power Sampling
ANALOG-TO-DIGITAL CONVERTER
®
FEATURES
q 500kHz THROUGHPUT RATE
q 2.5V INTERNAL REFERENCE
q LOW POWER: 11mW
q SINGLE SUPPLY +5V OPERATION
q DIFFERENTIAL INPUT
q SERIAL INTERFACE
q GUARANTEED NO MISSING CODES
q MINI-DIP-8 AND MSOP-8
q 0V TO V
REF INPUT RANGE
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
APPLICATIONS
q BATTERY OPERATED SYSTEMS
q DIGITAL SIGNAL PROCESSING
q HIGH SPEED DATA ACQUISITION
q WIRELESS COMMUNICATION SYSTEMS
©1998 Burr-Brown Corporation
PDS-1457B
Printed in U.S.A. May, 2000
ADS7834
SAR
CLK
Serial
Interface
Comparator
S/H Amp
DATA
+In
–In
CDAC
Internal
+2.5V Ref
Buffer
V
REF
CONV
10k
Ω ±30%
For most current data sheet and other product
information, visit www.burr-brown.com


Similar Part No. - ADS7834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7834 TI1-ADS7834 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834E/250 BURR-BROWN-ADS7834E/250 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7834E/250 TI1-ADS7834E/250 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834E/250G4 TI1-ADS7834E/250G4 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834E/2K5 BURR-BROWN-ADS7834E/2K5 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7835 TI1-ADS7835_14 Datasheet
840Kb / 21P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7834 TI1-ADS7834_14 Datasheet
966Kb / 22P
[Old version datasheet]   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7835 BURR-BROWN-ADS7835 Datasheet
169Kb / 13P
   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818PG4 TI-ADS7818PG4 Datasheet
619Kb / 20P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7834 BURR-BROWN-ADS7834_13 Datasheet
931Kb / 20P
   12-Bit High-Speed, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7818E TI-ADS7818E Datasheet
652Kb / 21P
[Old version datasheet]   12-Bit High Speed Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7835E TI-ADS7835E Datasheet
824Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com