Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7832BP Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7832BP
Description  Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7832BP Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS7832BP Datasheet HTML 7Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 8Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 9Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 10Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 11Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 12Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 13Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 14Page - Burr-Brown (TI) ADS7832BP Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
ADS7832
®
and any data written to the SFR has been lost. Thus, the
ADS7832 will again be in the Transparent Mode. Writing a
LOW to D5 in the SFR resets the Power Fail flag. The Cal
Error flag in the SFR is set when an overflow occurs during
calibration, which may happen in very noisy systems. It is
reset by starting a calibration, and remains low after a
calibration without an overflow is completed.
Table III shows how instructions can be transferred to the
Special Function Register by driving HBE HIGH (with SFR
HIGH) and initiating a write cycle (driving WR and CS
LOW with RD HIGH.) Note that writing to the SFR also
initiates a new conversion.
POWER DOWN MODE
Writing a HIGH to D3 in the SFR puts the ADS7832 in the
Power Down Mode. Power consumption is reduced to 50
µW
and D3 remains HIGH. The internal clock and analog
circuitry are turned off, although the output registers and
SFR can still be accessed normally. To exit Power Down
Mode, either write a LOW to D3 in the SFR, or initiate a
calibration by sending a LOW to the CAL pin or writing
a HIGH to D1. Note that if the power supply falls below 3V
and then recovers, a calibration is automatically initiated,
and the SFR will be reset. D3 will be HIGH, and the
ADS7832 will be in the Power Down Mode.
During Power Down Mode, a pulse on CS and WR will
initiate a single conversion, then the ADS7832 will revert to
power down. Also, writing to D1 and D3 in the SFR will
initiate a calibration, do a single conversion and revert to the
Power Down Mode, in 4,625 clock cycles. Accurate conver-
sion results will be available in the output registers.
The activation delay from power down to normal operation
is included in the sampling time. No extra time is required,
either when coming out of the Power Down Mode or when
making a single conversion in the Power Down Mode.
SAMPLE/HOLD CONTROL MODE
With D2 in the SFR HIGH, a rising edge input on pin 26 will
switch the ADS7832 from sample-mode to hold-mode with
a 5ns aperture delay. This also initiates a conversion, which
will start within 1.5 CLK cycles.
This mode allows full control over the sample-to-hold tim-
ing, which is especially useful where external events trigger
sampling timing.
OPERATION
CS/WR
SFR/HBE
D0
D1
D2
D3
D5
D4/D6/D7
Enables Transparent Mode for Data Latches
LOW
HIGH
LOW
XXXX
LOW
Enables Latched Output Mode for Data Latches
LOW
HIGH
HIGH(1)
XXXX
LOW
Initiates Calibration Cycle
LOW
HIGH
X
HIGH
X
X
X
LOW
Activates Sample/Hold Control Mode
LOW
HIGH
X
X
HIGH(1)
X
X
LOW
Activates Power Down Mode(2)
LOW
HIGH
X
X
X
HIGH(1)
X
LOW
Resets Power Fail Flag
LOW
HIGH
X
X
X
X
LOW
LOW
NOTES: (1) Writing a LOW here reactivates the standard mode of operation. (2) In Power Down Mode, a pulse on CS and WR will initiate a single conversion,
then the ADS7832 will revert to power down. (3) X means it can be either HIGH or LOW without affecting this action. Writing HIGH to D4 or D6, or writing with
SFR HIGH and HBE LOW, may result in unpredictable behavior. These modes are reserved for factory use at this time.
TABLE III. Writing to the Special Function Register.
FIGURE 5. Writing to the SFR.
FIGURE 6. Reading the FSR.
In the Sample/Hold Control Mode, pin 26 must be held
LOW a minimum of 2.5
µs between conversions to allow
accurate acquisition of input signals. Also, offset error will
increase in this mode, since auto-zeroing of the comparator
is not synchronized to the sampling. Minimum offset is
achieved by synchronizing the sampling signal to CLK,
whether internal or external. Ideally, the sampling signal
rising edge should be delayed 20ns from the falling edge of
CLK. This will keep offset error to about 1LSB.
In the Sample/Hold Control Mode, a LOW pulse on WR
(with CS LOW) will not initiate a conversion, but the rising
edge will latch the multiplexer channel according to the
inputs on A0 and A1. When changing channels, this must be
done at least 2.5
µs before pin 26 goes HIGH (to start a
conversion.)
D0 - D7
Valid Data
SFR
HBE
WR
CS
t
5
t
16
t
17
V
IL
V
IH
t
2
t
3
t
1
t
6
D0 - D7
SFR Data
SFR
HBE
RD
CS
t
11
t
14
V
IH
t
10
t
8
t
11
t
13
t
12
t
12


Similar Part No. - ADS7832BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7832BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7803 BURR-BROWN-ADS7803 Datasheet
99Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com