Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7831U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7831U
Description  12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7831U Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7831U Datasheet HTML 2Page - Burr-Brown (TI) ADS7831U Datasheet HTML 3Page - Burr-Brown (TI) ADS7831U Datasheet HTML 4Page - Burr-Brown (TI) ADS7831U Datasheet HTML 5Page - Burr-Brown (TI) ADS7831U Datasheet HTML 6Page - Burr-Brown (TI) ADS7831U Datasheet HTML 7Page - Burr-Brown (TI) ADS7831U Datasheet HTML 8Page - Burr-Brown (TI) ADS7831U Datasheet HTML 9Page - Burr-Brown (TI) ADS7831U Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
®
ADS7831
FIGURE 4a. Circuit Diagram With External Hardware Trim.
FIGURE 4b. Circuit Diagram Without External Hardware Trim.
CALIBRATION
The ADS7831 can be trimmed in hardware or software. The
offset should be trimmed before the gain since the offset
directly affects the gain.
Hardware Calibration
To calibrate the offset and gain of the ADS7831, install the
proper resistors and potentiometers as shown in Figure 4a.
The calibration range is
±12mV for the offset and ±30mV
for full scale.
Potentiometer P
1
and resistor R
1
form the offset adjust
circuit and P
2 and R2 the gain adjust circuit. The exact values
are not critical. R
1 and R2 should not be made any larger than
the value shown. They can easily be made smaller to
provide increased adjustment range. Reducing these below
15% of the indicated values could begin to adversely affect
the operation of the converter.
P
1 and P2 can also be made larger to reduce power dissipa-
tion. However, larger resistances will push the useful adjust-
ment range to the edges of the potentiometer. P
1 should
probably not exceed 20k
Ω and P2 100kΩ in order to main-
tain reasonable sensitivity.
Software Calibration or No Calibration
The ADS7831 does not require external resistors for its
basic operation. However, the component is designed to be
used with an external 50
Ω resistor on the input, and the
specifications apply to this condition. If this resistor is not
used, the only specification that will be affected is total
unadjusted error.
With the 50
Ω resistor, the nominal input voltage range is
±2.5V and the total unadjusted error is ±10LSBs guaran-
teed. Without the 50
Ω resistor, the nominal input voltage
range will be
±2.46V and the total unadjusted error is not
guaranteed. While it will typically be much less, the total
unadjusted error could be as high as
±20LSBs.
50
AGND2
CAP
REF
AGND1
V
IN
+
0.1µF
10µF
V
IN
NOTE: Use 1% metal film resistors. Trim offset at 0V first, then trim
gain at 2.5V.
FIGURE 3. Using CS to Control Conversion and Read Timing.
t
9
Hi-Z State
BUSY
CS
R/C
DATA
BUS
MODE
Acquire
Data Valid
HI Z State
Convert
t
7
t
2
t
6
t
3
t
4
t
11
t
5
Acquire
t
13
t
11
t
1
t
11
t
11
50
AGND2
CAP
REF
AGND1
V
IN
+
0.1µF
10µF
V
IN
+5V
R
1
20k
R
2
604k
–5V
P
1
5k
P
2
5k
+5V


Similar Part No. - ADS7831U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7831U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com