Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7824P Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7824P
Description  4 Channel, 12-Bit Sampling CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7824P Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7824P Datasheet HTML 4Page - Burr-Brown (TI) ADS7824P Datasheet HTML 5Page - Burr-Brown (TI) ADS7824P Datasheet HTML 6Page - Burr-Brown (TI) ADS7824P Datasheet HTML 7Page - Burr-Brown (TI) ADS7824P Datasheet HTML 8Page - Burr-Brown (TI) ADS7824P Datasheet HTML 9Page - Burr-Brown (TI) ADS7824P Datasheet HTML 10Page - Burr-Brown (TI) ADS7824P Datasheet HTML 11Page - Burr-Brown (TI) ADS7824P Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
ADS7824
STARTING A CONVERSION
The combination of CS (pin 23) and R/C (pin 22) LOW for
a minimum of 40ns places the sample/hold of the ADS7824
in the hold state and starts conversion ‘n’. BUSY (pin 24)
will go LOW and stay LOW until conversion ‘n’ is com-
pleted and the internal output register has been updated. All
new convert commands during BUSY LOW will be ignored.
CS and/or R/C must go HIGH before BUSY goes HIGH or
a new conversion will be initiated without sufficient time to
acquire a new signal.
The ADS7824 will begin tracking the input signal at the end
of the conversion. Allowing 25
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Tables Ia and Ib for a summary of CS, R/C, and BUSY states
and Figures 2 through 6 and Table II for timing information.
CS and R/C are internally OR’d and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If, however, it is critical that CS or
R/C initiates conversion ‘n’, be sure the less critical input is
LOW at least 10ns prior to the initiating input. If EXT/INT
(pin 12) is LOW when initiating conversion ‘n’, serial data
from conversion ‘n – 1’ will be output on SDATA (pin 16)
following the start of conversion ‘n’. See Internal Data
Clock in the Reading Data section.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. This will
have no effect when using the internal data clock in the serial
output mode. However, the parallel output and the serial
output (only when using an external data clock) will be
affected whenever R/C goes HIGH. Refer to the Reading
Data section and Figures 2, 3, 5, and 6.
D7, D6, D5
D4
D3
D2
D1
D0
CS
R/C
CONTC PWRD
BUSY
LOW
EXT/INT
SYNC
DATACLK
SDATA
TAG
Input
Input
Input
Input
Output
Output
Input
Output
I/O
Output
Input
COMMENTS
1
X
X
X
1
Hi-Z
LOW
LOW
Output
Hi-Z
X
X
0
X
X
1
Hi-Z
LOW
LOW
Output
Hi-Z
X
0
0
X
1
Hi-Z
LOW
LOW
Output
Output
X
Starts transmission of data from previous
conversion on SDATA synchronized to 12
pulses output on DATACLK.
0
0
X
1
Hi-Z
LOW
LOW
Output
Output
X
Starts transmission of data from previous
conversion on SDATA synchronized to 12
pulses output on DATACLK.
0
1
0
X
X
Hi-Z
HIGH
LOW
Input
Output
Input
The level output on SDATA will be the level
input on TAG 12 DATACLK input cycles
earlier.
0
10X
Hi-Z
HIGH
LOW
Input
Output
Input
At the end of the conversion, when BUSY
rises, data from the conversion will be shifted
into the output registers. If DATACLK is HIGH,
valid data will be lost.
0
0
X
1
Hi-Z
HIGH
LOW
Input
Output
X
Initiates transmission of a HIGH pulse on
SYNC followed by data from last completed
conversion on SDATA synchronized to the
input on DATACLK.
1
0
X
1
Hi-Z
HIGH
LOW
Input
Output
X
Initiates transmission of a HIGH pulse on
SYNC followed by data from last completed
conversion on SDATA synchronized to the
input on DATACLK.
00
1
0
Hi-Z
LOW
LOW
Output
Output
X
Starts transmission of data from previous
conversion on SDATA synchronized to 12
pulses output on DATACLK
1
X
X
X
Hi-Z
HIGH
Output
Input
Output
X
SDATA becomes active. Inputs on DATACLK
shift out data.
0
X
X
X
Hi-Z
HIGH
Output
Input
Output
X
SDATA becomes active. Inputs on DATACLK
shift out data.
0
1
X
X
Hi-Z
LOW
LOW
Output
Output
X
Restarts continuous conversion mode (n – 1 data
transmitted when BUSY is LOW).
0
1
X
X
Hi-Z
LOW
LOW
Output
Output
X
Restarts continuous conversion mode (n – 1 data
transmitted when BUSY is LOW).
INPUTS
OUTPUTS
CS
R/C
BYTE
CONTC
PWRD
BUSY
D7
D6
D5
D4
D3
D2
D1
D0
COMMENTS
1
X
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
X
0
X
X
X
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
1
0
X
X
X
D11
D10
D9
D8
D7
D6
D5
D4
Results from last
(MSB)
completed conversion.
0
1
1
X
X
X
D3
D2
D1
D0
LOW
LOW
LOW
LOW
Results from last
(LSB)
completed conversion.
01
XX
X
↑↓
↑↓
↑↓↑↓↑↓
↑↓↑↓↑↓
Data will change at the
end of a conversion.
TABLE Ia. Read Control for Parallel Data (PAR/SER = 5V.)
TABLE Ib. Read Control for Serial Data (PAR/SER = 0V.)


Similar Part No. - ADS7824P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824 TI1-ADS7824 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U TI1-ADS7824U Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U/1K TI1-ADS7824U/1K Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UB TI1-ADS7824UB Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UBE4 TI1-ADS7824UBE4 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results

Similar Description - ADS7824P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com