Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7822 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7822
Description  12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7822 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7822 Datasheet HTML 4Page - Burr-Brown (TI) ADS7822 Datasheet HTML 5Page - Burr-Brown (TI) ADS7822 Datasheet HTML 6Page - Burr-Brown (TI) ADS7822 Datasheet HTML 7Page - Burr-Brown (TI) ADS7822 Datasheet HTML 8Page - Burr-Brown (TI) ADS7822 Datasheet HTML 9Page - Burr-Brown (TI) ADS7822 Datasheet HTML 10Page - Burr-Brown (TI) ADS7822 Datasheet HTML 11Page - Burr-Brown (TI) ADS7822 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
ADS7822
POWER DISSIPATION
The architecture of the converter, the semiconductor fabrica-
tion process, and a careful design allow the ADS7822 to
convert at up to a 75kHz rate while requiring very little
power. Still, for the absolute lowest power dissipation, there
are several things to keep in mind.
The power dissipation of the ADS7822 scales directly with
conversion rate. So, the first step to achieving the lowest
power dissipation is to find the lowest conversion rate that
will satisfy the requirements of the system.
In addition, the ADS7822 is in power down mode under two
conditions: when the conversion is complete and whenever
CS is HIGH (see Figure 1). Ideally, each conversion should
occur as quickly as possible, preferably, at a 1.2MHz clock
rate. This way, the converter spends the longest possible time
in the power down mode. This is very important as the
converter not only uses power on each DCLOCK transition
(as is typical for digital CMOS components) but also uses
some current for the analog circuitry, such as the comparator.
The analog section dissipates power continuously, until the
power down mode is entered.
Figure 3 shows the current consumption of the ADS7822
versus sample rate. For this graph, the converter is clocked at
1.2MHz regardless of the sample rate—CS is HIGH for the
remaining sample period. Figure 4 also show current con-
sumption versus sample rate. However, in this case, the
DCLOCK period is 1/16th of the sample period—CS is
HIGH for one DCLOCK cycle out of every 16.
There is an important distinction between the power down
mode that is entered after a conversion is complete and the
full power down mode which is enabled when CS is HIGH.
While both shutdown the analog section, the digital section
is completely shutdown only when CS is HIGH. Thus, if CS
is left LOW at the end of a conversion and the converter is
continually clocked, the power consumption will not be as
low as when CS is HIGH. See Figure 5 for more information.
Power dissipation can also be reduced by lowering the power
supply voltage and the reference voltage. The ADS7822 will
operate over a VCC range of 2.0V to 5.25V. However, at
voltages below 2.7V, the converter will not run at a 75kHz
sample rate. See the typical performance curves for more
information regarding power supply voltage and maximum
sample rate.
SHORT CYCLING
Another way of saving power is to utilize the CS signal to
short cycle the conversion. Because the ADS7822 places the
latest data bit on the DOUT line as it is generated, the
converter can easily be short cycled. This term means that the
conversion can be terminated at any time. For example, if
only 8 bits of the conversion result are needed, then the
conversion can be terminated (by pulling CS HIGH) after the
8th bit has been clocked out.
FIGURE 3. Maintaining fCLK at the Highest Possible Rate
Allows Supply Current to Drop Linearly with
Sample Rate.
FIGURE 4. Scaling fCLK Reduces Supply Current Only
Slightly with Sample Rate.
1000
100
10
1
0.1
1
10
100
Sample Rate (kHz)
T
A = 25°C
V
CC = 2.7V
V
REF = 2.5V
f
CLK = 16 • fSAMPLE
FIGURE 5. Shutdown Current with CS HIGH is 50nA
Typically, Regardless of the Clock. Shutdown
Current with CS LOW Varies with Sample
Rate.
10.0
8.0
6.0
4.0
2.0
0.0
0.00
0.1
1
10
100
Sample Rate (kHz)
0.050
T
A = 25°C
V
CC = 2.7V
V
REF = 2.5V
f
CLK = 16 • fSAMPLE
CS LOW (GND)
CS HIGH (V
CC)
1000
100
10
1
0.1
1
10
100
Sample Rate (kHz)
V
CC = 5.0V
V
REF = 5.0V
V
CC = 2.7V
V
REF = 2.5V
T
A = 25°C
f
CLK = 1.2MHz


Similar Part No. - ADS7822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 TI1-ADS7822 Datasheet
1Mb / 28P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7822E TI-ADS7822E Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822E/250 TI-ADS7822E/250 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com