Electronic Components Datasheet Search |
|
CC0201CCNPO7BN272 Datasheet(PDF) 4 Page - YAGEO Corporation |
|
CC0201CCNPO7BN272 Datasheet(HTML) 4 Page - YAGEO Corporation |
4 / 15 page www.yageo.com Aug 05, 2011 V8 Surface-Mount Ceramic Multilayer Capacitors 4 15 Product specification General Purpose 16 V to 50 V NP0 PHYCOMP CTC CODE (FOR NORTH AMERICA) Example: 0603CG271J7B200 0603 CG 271 J 7 B 2 0 0 Size code Temp. Char. Capacitance in pF Tolerance Voltage Termination Packing Marking Range identifier 0201 0402 0603 0805 1206 1210 1812 CG = NP0 101 = 100 pF; the third digit signifies the multiplying factor: 0 = × 1 1 = × 10 2 = × 100 3 = × 1,000 B = ±0.1 pF C = ±0.25 pF D = ±0.5 pF F = ±1% G = ±2% J = ±5% 7 = 16 V 8 = 25 V 9 = 50 V B = NiSn 2 = 180 mm 7” paper 3 = 330 mm 13” paper B = 180 mm 7” blister F = 330 mm 13” blister P = Bulk case 0 = no marking 0 = conv. ceramic CONSTRUCTION The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. This structure gives rise to a high capacitance per unit volume. The inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (NiSn). The terminations are lead-free. A cross section of the structure is shown in Fig.1. MLB457 terminations electrodes ceramic material Fig. 1 Surface mounted multilayer ceramic capacitor construction L2 / L3 (mm) L4 (mm) TYPE L1 (mm) W (mm) T (MM) min. max. min. 0201 0.6 ±0.03 0.3 ±0.03 0.10 0.20 0.20 0402 1.0 ±0.05 0.5 ±0.05 0.20 0.30 0.40 0603 1.6 ±0.10 0.8 ±0.10 0.20 0.60 0.40 2.0 ±0.10 (1) 1.25 ±0.10 (1) 0805 2.0 ±0.20 (2) 1.25 ±0.20 (2) 0.25 0.75 0.55 3.2 ±0.15 (1) 1.6 ±0.15 (1) 1206 3.2 ±0.30 (2) 1.6 ±0.20 (2) 0.25 0.75 1.40 1210 3.2 ±0.20 2.5 ±0.20 0.25 0.75 1.40 1812 4.5 ±0.20 3.2 ±0.20 Refer to table 2 to 5 0.25 0.75 2.20 NOTE 1. Dimension for size 0805 and 1206, C ≤ 1 nF 2. Dimension for size 0805 and 1206, C > 1 nF Table 1 For outlines see fig. 2 DIMENSION MBB211 T L 4 L 1 L 2 L 3 W O OU UT TL LIIN NE ES S For dimension see Table 1 Fig. 2 Surface mounted multilayer ceramic capacitor dimension |
Similar Part No. - CC0201CCNPO7BN272 |
|
Similar Description - CC0201CCNPO7BN272 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |