Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1206FPNPO7BN330 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CC1206FPNPO7BN330
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206FPNPO7BN330 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CC1206FPNPO7BN330 Datasheet HTML 6Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 7Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 8Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 9Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 10Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 11Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 12Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 13Page - YAGEO Corporation CC1206FPNPO7BN330 Datasheet HTML 14Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.yageo.com
Aug 05, 2011 V8
Surface-Mount Ceramic Multilayer Capacitors
10
15
Product specification
General Purpose
16 V to 50 V
NP0
ELECTRICAL CHARACTERISTICS
N
NP
P00 D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise stated all electrical values apply at an ambient temperature of 20±1 °C, an atmospheric
pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%.
DESCRIPTION
VALUE
Capacitance range
0.22 pF to 33 nF
Capacitance tolerance
C < 10 pF
±0.1 pF, ±0.25 pF, ±0.5 pF
C ≥ 10 pF
±1%, ±2%, ±5%
Dissipation factor (D.F.)
C < 30 pF
≤ 1 / ( 400 + 20C )
C ≥ 30 pF
≤ 0.1 %
Insulation resistance after 1 minute at Ur (DC)
Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less
Maximum capacitance change as a function of temperature
(temperature characteristic/coefficient):
±30 ppm/°C
Operating temperature range:
–55 °C to +125 °C
Table 7
050
40
10
−10
CCB107
−5
5
0
20
30
10
ΔC
(%)
C
VDC (V)
Fig. 4
Typical capacitance change with respect to the
capacitance at 1 V as a function of DC voltage
40
40
40
MEA607
20
0
20
0
40
80
120
T ( C)
o
TC
(x10
/K)
6
Fig. 3
Typical temperature coefficient as a function of
temperature
Sample limits (broken lines).
Requirement levels (dotted lines)


Similar Part No. - CC1206FPNPO7BN330

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206FPNPO7BN391 YAGEO-CC1206FPNPO7BN391 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1206FPNPO7BN330

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com