Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRMP1039 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TRMP1039
Description  RF AMPLIFIER MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TRMP1039 Datasheet(HTML) 1 Page - API Technologies Corp

  TRMP1039 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point ...... +70 dBm (Typ.)
Second Order Two Tone Intercept Point ....... +65 dBm (Typ.)
Third Order Two Tone Intercept Point ........... +46 dBm (Typ.)
RF AMPLIFIER
MODEL
TRMP1039
Features
! High Second Order Two Tone Intercept: +65 dBm Typ.
! High Third Order Two Tone Intercept: +46 dBm Typ.
! Operating Temp. -55 ºC to +85 ºC
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Specifications
Typical Performance Data
Rev.
4/15/08
Maximum Ratings
Ambient Operating Temperature ................. -55ºC to +90 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +15 Volts
Continuous RF Input Power .................................. +17 dBm
Short Term RF Input Power .... 100 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.2 Watt (3
µsec Max.)
Available as:
TRMP1039, 4 Pin TO-8B (T8)
RNMP1039, 4 Pin Surface Mount (SM19)
BRMP1039, Connectorized Housing (H2)
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency (MHz)
500 - 3000 MHz
500 - 3000 MHz
Gain (dB)
13
12 Min.
Power @ 1 dB
Comp. (dBm)
+26.5
+24.5 Min.
Reverse
-25
-20 Max.
Isolation (dB)
VSWR
In
1.5:1
2.0:1 Max.
Out
1.5:1
2.0:1 Max.
Noise Figure (dB)
6
7 Max.
Power
Vdc
+15
+15 Min.
mA
200
250 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


Similar Part No. - TRMP1039

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMP1039

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBH-147 APITECH-QBH-147 Datasheet
59Kb / 1P
   RF AMPLIFIER MODEL
QBH-137 APITECH-QBH-137 Datasheet
56Kb / 1P
   RF AMPLIFIER MODEL
QBH-124 APITECH-QBH-124 Datasheet
62Kb / 1P
   RF AMPLIFIER MODEL
QBH-115 APITECH-QBH-115 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-5409 APITECH-QBH-5409 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
QBH-4012PM APITECH-QBH-4012PM Datasheet
47Kb / 1P
   RF AMPLIFIER MODEL
QBH-4002 APITECH-QBH-4002 Datasheet
145Kb / 1P
   RF AMPLIFIER MODEL
QBH-1505 APITECH-QBH-1505 Datasheet
48Kb / 1P
   RF AMPLIFIER MODEL
QBH-859 APITECH-QBH-859 Datasheet
118Kb / 1P
   RF AMPLIFIER MODEL
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
QBH-834 APITECH-QBH-834 Datasheet
65Kb / 1P
   RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com