Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ06GS202T-E Datasheet(PDF) 43 Page - Microchip Technology

Part # DSPIC33FJ06GS202T-E
Description  16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
Download  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS202T-E Datasheet(HTML) 43 Page - Microchip Technology

Back Button DSPIC33FJ06GS202T-E Datasheet HTML 39Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 40Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 41Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 42Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 43Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 44Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 45Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 46Page - Microchip Technology DSPIC33FJ06GS202T-E Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 352 page
background image
4.3
Special Function Register Maps
TABLE 4-1:
CPU CORE REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
WREG0
0000
Working Register 0
0000
WREG1
0002
Working Register 1
0000
WREG2
0004
Working Register 2
0000
WREG3
0006
Working Register 3
0000
WREG4
0008
Working Register 4
0000
WREG5
000A
Working Register 5
0000
WREG6
000C
Working Register 6
0000
WREG7
000E
Working Register 7
0000
WREG8
0010
Working Register 8
0000
WREG9
0012
Working Register 9
0000
WREG10
0014
Working Register 10
0000
WREG11
0016
Working Register 11
0000
WREG12
0018
Working Register 12
0000
WREG13
001A
Working Register 13
0000
WREG14
001C
Working Register 14
0000
WREG15
001E
Working Register 15
0800
SPLIM
0020
Stack Pointer Limit Register
xxxx
ACCAL
0022
ACCAL
xxxx
ACCAH
0024
ACCAH
xxxx
ACCAU
0026
ACCA<39> ACCA<39> ACCA<39> ACCA<39> ACCA<39> ACCA<39> ACCA<39> ACCA<39>
ACCAU
xxxx
ACCBL
0028
ACCBL
xxxx
ACCBH
002A
ACCBH
xxxx
ACCBU
002C ACCB<39> ACCB<39> ACCB<39> ACCB<39> ACCB<39> ACCB<39> ACCB<39> ACCB<39>
ACCBU
xxxx
PCL
002E
Program Counter Low Word Register
0000
PCH
0030
Program Counter High Byte Register
0000
TBLPAG
0032
Table Page Address Pointer Register
0000
PSVPAG
0034
Program Memory Visibility Page Address Pointer Register
0000
RCOUNT
0036
Repeat Loop Counter Register
xxxx
DCOUNT
0038
DCOUNT<15:0>
xxxx
DOSTARTL
003A
DOSTARTL<15:1>
0
xxxx
DOSTARTH
003C
—DOSTARTH<5:0>
00xx
DOENDL
003E
DOENDL<15:1>
0
xxxx
DOENDH
0040
DOENDH
00xx
SR
0042
OA
OB
SA
SB
OAB
SAB
DA
DC
IPL<2:0>
RA
N
OV
Z
C
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.


Similar Part No. - DSPIC33FJ06GS202T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS202TE/ML MICROCHIP-DSPIC33FJ06GS202TE/ML Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS202TE/MM MICROCHIP-DSPIC33FJ06GS202TE/MM Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS202TE/PT MICROCHIP-DSPIC33FJ06GS202TE/PT Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS202TE/SO MICROCHIP-DSPIC33FJ06GS202TE/SO Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
DSPIC33FJ06GS202TE/SP MICROCHIP-DSPIC33FJ06GS202TE/SP Datasheet
5Mb / 346P
   High-Performance, 16-bit Digital Signal Controllers
02/04/09
More results

Similar Description - DSPIC33FJ06GS202T-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ06GS001 MICROCHIP-DSPIC33FJ06GS001_12 Datasheet
3Mb / 352P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ64GS606-IPT MICROCHIP-DSPIC33FJ64GS606-IPT Datasheet
3Mb / 456P
   16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33FJ32GS406 MICROCHIP-DSPIC33FJ32GS406_12 Datasheet
3Mb / 456P
   16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
11/29/11
DSPIC33CK64MC105 MICROCHIP-DSPIC33CK64MC105 Datasheet
4Mb / 518P
   16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Speed PWM
02/28/20
DSPIC33CK64MP105 MICROCHIP-DSPIC33CK64MP105 Datasheet
4Mb / 530P
   16-Bit Digital Signal Controllers with High-Speed ADC, Op Amps, Comparators and High-Resolution PWM
08/15/18
DSPIC33EPXXGS202 MICROCHIP-DSPIC33EPXXGS202 Datasheet
3Mb / 344P
   16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
10/25/17
DSPIC33EPXXGS50X MICROCHIP-DSPIC33EPXXGS50X Datasheet
4Mb / 390P
   16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
11/07/16
DSPIC33EP512MU814-IPL MICROCHIP-DSPIC33EP512MU814-IPL Datasheet
4Mb / 623P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33EP256MU806 MICROCHIP-DSPIC33EP256MU806 Datasheet
5Mb / 622P
   16-Bit Microcontrollers and Digital Signal Controllers with High-Speed PWM, USB and Advanced Analog
11/29/11
DSPIC33EPXXXGS70X MICROCHIP-DSPIC33EPXXXGS70X Datasheet
4Mb / 484P
   16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
08/15/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com