Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJT4030P-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DJT4030P-13
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DJT4030P-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DJT4030P-13 Datasheet HTML 1Page - Diodes Incorporated DJT4030P-13 Datasheet HTML 2Page - Diodes Incorporated DJT4030P-13 Datasheet HTML 3Page - Diodes Incorporated DJT4030P-13 Datasheet HTML 4Page - Diodes Incorporated DJT4030P-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DJT4030P
Document number: DS31590 Rev. 2 - 2
2 of 5
www.diodes.com
March 2009
© Diodes Incorporated
DJT4030P
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
-40
V
IC = -100μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-6
V
IE = -50μA
Collector-Base Cutoff Current
ICBO
-100
nA
VCB = -40V, IE = 0
-50
μA
VCB = -40V, IE = 0, TA = 150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = -6V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
220
VCE = -1V, IC = -0.5A
200
400
VCE = -1V, IC = -1A
100
VCE = -1V, IC = -3A
Collector-Emitter Saturation Voltage
VCE(SAT)
-150
mV
IC = -0.5A, IB = -5mA
-200
IC = -1A, IB = -10mA
-500
IC = -3A, IB = -0.3A
Equivalent On-Resistance
RCE(SAT)
167
m
Ω
IE = -3A, IB = -0.3A
Base-Emitter Saturation Voltage
VBE(SAT)
-1.0
V
IC = -1A, IB = -0.1A
Base-Emitter Turn-on Voltage
VBE(ON)
-1.0
V
VCE = -2V, IC = -1A
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
150
MHz
VCE = -10V, IC = -100mA,
f = 100MHz
Output Capacitance
Cobo
35
pF
VCB = -10V, f = 1MHz
Input Capacitance
Cibo
150
pF
VCB = -5V, f = 1MHz
SWITCHING CHARACTERISTICS
Turn-On Time
ton
53
ns
VCC = -10V, IC = -2A,
IB1 = -200mA
Delay Time
td
12
ns
Rise Time
tr
41
ns
Turn-Off Time
toff
180
ns
VCC = -10V, IC = -2A,
IB1 = IB2 = -200mA
Storage Time
ts
146
ns
Fall Time
tf
34
ns
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0
T , AMBIENT TEMPERATURE ( C)
A
°
(Note 3)
Fig. 1 Power Dissipation vs. Ambient Temperature
25
50
75
100
125
150
0.4
0.8
1.2
2.0
(Note 4)
1.6
0.1
1
10
100
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage (Note 3)
0.01
0.1
1
10
Pw = 100ms
Pw = 10ms
Pw = 1ms
DC


Similar Part No. - DJT4030P-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DJT4030P DIODES-DJT4030P Datasheet
112Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DJT4030P DIODES-DJT4030P_15 Datasheet
112Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DJT4030P-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1713 DIODES-2DB1713_15 Datasheet
98Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com