Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9314401MZC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5962-9314401MZC
Description  MICROCIRCUIT, MEMORY, DIGITAL, CMOS, UV ERASABLE CMOS, UV ERASABLE MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5962-9314401MZC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5962-9314401MZC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962-9314401MZC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93144
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
9
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics - Continued.
Limit
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C
4.5 V
≤ VCC ≤ 5.5 V
unless otherwise specified
Group A
subgroups
Device
type
Min
Max
Unit
01
35
ns
Asynchronous preset width
2/ 4/ 7/
tPW
02
30
01
35
Asynchronous preset recovery
time 2/ 4/ 7/
tPR
02
30
01
35
Asynchronous preset to registered
output delay 2/ 7/
tPO
02
30
01
6
Synchronous clock to local
feedback input 4/ 13/
tCF
02
3
01
25
External synchronous clock
period (1/fMAX3) 4/
tP
02
20
01
22.2
MHz
External feedback maximum
frequency
(1/(tCO1 + tS1)) 4/ 14/
fMAX1
02
27.7
01
32.2
Internal local feedback maximum
frequency, lesser of (1/(tS1 +
tCF)) or (1/tCO1) 4/ 15/
fMAX2
02
43.6
01
40
Data path maximum frequency,
least of 1/(tWL + tWH),
1/(tS1 + tH) or (1/tCO1)
4/ 16/
fMAX3
See figures 4 (circuit A) and
5
6/
9,10,11
02
50
See footnotes at end of table.


Similar Part No. - 5962-9314401MZC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-93140 AVAGO-5962-93140 Datasheet
143Kb / 11P
   90 V/1.0 , Hermetically Sealed, Power MOSFET Optocoupler QML-38534
5962-93140 AVAGO-5962-93140 Datasheet
143Kb / 11P
   90 V/1.0, Hermetically Sealed, Power MOSFET Optocoupler
logo
Broadcom Corporation.
5962-9314001 BOARDCOM-5962-9314001 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
5962-9314002 BOARDCOM-5962-9314002 Datasheet
935Kb / 13P
   90V/1.0廓, Hermetically Sealed, Power MOSFET Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
5962-9314002HPA AVAGO-5962-9314002HPA Datasheet
143Kb / 11P
   90 V/1.0 Ohm, Hermetically Sealed, Power MOSFET Optocoupler
More results

Similar Description - 5962-9314401MZC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
STMicroelectronics
ETC2716Q STMICROELECTRONICS-ETC2716Q Datasheet
255Kb / 9P
   16K BIT CMOS UV ERASABLE PROM
ETC2732 STMICROELECTRONICS-ETC2732 Datasheet
485Kb / 10P
   32K BIT (4Kx8) CMOS UV ERASABLE PROM
June 1988
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
STMicroelectronics
ST27C1001 STMICROELECTRONICS-ST27C1001 Datasheet
132Kb / 2P
   1024K ( 128K X 8 ) CMOS UV ERASABLE PROM
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
   8-Megabit 1M x 8 UV Erasable CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com