Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7808 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7808
Description  12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7808 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS7808 Datasheet HTML 1Page - Burr-Brown (TI) ADS7808 Datasheet HTML 2Page - Burr-Brown (TI) ADS7808 Datasheet HTML 3Page - Burr-Brown (TI) ADS7808 Datasheet HTML 4Page - Burr-Brown (TI) ADS7808 Datasheet HTML 5Page - Burr-Brown (TI) ADS7808 Datasheet HTML 6Page - Burr-Brown (TI) ADS7808 Datasheet HTML 7Page - Burr-Brown (TI) ADS7808 Datasheet HTML 8Page - Burr-Brown (TI) ADS7808 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
®
ADS7808
DIGITAL OUTPUTS
Data Format
Data Coding
Pipeline Delay
Data Clock
Internal
EXT/INT LOW
2.3
T
MHz
(Output Only When
Transmitting Data)
External
EXT/INT HIGH
0.1
10
TT
MHz
(Can Run Continually)
VOL
ISINK = 1.6mA
+0.4
T
V
VOH
ISOURCE = 500µA+4
T
V
Leakage Current
High-Z State,
±5
T
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
15
pF
POWER SUPPLIES
Specified Performance
VDIG
Must be
≤ V
ANA
+4.75
+5
+5.25
T
**V
VANA
+4.75
+5
+5.25
T
**
V
IDIG
0.3
*
mA
IANA
16
*
mA
Power Dissipation: PWRD LOW
VDIG = VANA = 5V, fS = 100kHz
100
*
mW
PWRD HIGH
50
*
µW
TEMPERATURE RANGE
Specified Performance
–40
+85
*
*
°C
Derated Performance
–55
+125
*
*
°C
Storage
–65
+150
*
*
°C
Thermal Resistance (
θ
JA)
Plastic DIP
75
*
°C/W
SOIC
75
*
°CW
NOTES: (1) LSB means Least Significant Bit. For the
±10V input range, one LSB is 4.88mV. (2) Typical rms noise at worst case transitions and temperatures. (3)
As measured with fixed resistors in Figure 4. Adjustable to zero with external potentiometer. (4) For bipolar input ranges, full scale error is the worst case of –Full
Scale or +Full Scale untrimmed deviation from ideal first and last code transitions, divided by the transition voltage (not divided by the full-scale range) and includes
the effect of offset error. For unipolar input ranges, full scale error is the deviation of the last code transition divided by the transition voltage. It also includes the
effect of offset error. (5) All specifications in dB are referred to a full-scale
±10V input. (6) Full-Power Bandwidth defined as Full-Scale input frequency at which Signal-
to (Noise + Distortion) degrades to 60dB. (7) Recovers to specified performance after 2 x FS input overvoltage.
ELECTROSTATIC
DISCHARGE SENSITIVITY
Electrostatic discharge can cause damage ranging from per-
formance degradation to complete device failure. Burr-Brown
Corporation recommends that this integrated circuit be handled
and stored using appropriate ESD protection methods.
SPECIFICATIONS (CONT)
ELECTRICAL
At TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference and fixed resistors shown in Figure 4, unless otherwise specified.
ADS7808P/U
ADS7808PB/UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Analog Inputs: R1IN .......................................................................... ±25V
R2IN .......................................................................... ±25V
R3IN .......................................................................... ±25V
CAP ..................................... VANA+0.3V to AGND2 –0.3V
REF ....................................... Indefinite Short to AGND2,
Momentary Short to VANA
Ground Voltage Differences: DGND, AGND2 .................................
±0.3V
VANA ...................................................................................................... 7V
VDIG to VANA ....................................................................................... +0.3
VDIG ....................................................................................................... 7V
Digital Inputs ............................................................. –0.3V to VDIG +0.3V
Maximum Junction Temperature .................................................. +165
°C
Internal Power Dissipation ............................................................ 700mW
Lead Temperature (soldering, 10s) .............................................. +300
°C
ABSOLUTE MAXIMUM RATINGS
ORDERING INFORMATION
MINIMUM
MAXIMUM
SIGNAL-TO-
SPECIFICATION
LINEARITY
(NOISE + DISTORTION)
TEMPERATURE
PRODUCT
ERROR (LSB)
RATIO(dB)
RANGE (
°C)
PACKAGE
ADS7808P
±0.9
70
–40
°C to +85°C
20-Pin Plastic DIP
ADS7808PB
±0.45
72
–40
°C to +85°C
20-Pin Plastic DIP
ADS7808U
±0.9
70
–40
°C to +85°C
20-Pin SOIC
ADS7808UB
±0.45
72
–40
°C to +85°C
20-Pin SOIC
PACKAGE INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
ADS7808P
20-Pin Plastic DIP
222
ADS7808PB
20-Pin Plastic DIP
222
ADS7808U
20-Pin SOIC
221
ADS7808UB
20-Pin SOIC
221
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
Serial 12 bits
Binary Two's Complement or Straight Binary
Conversion results only available after completed conversion.
Selectable for internal or external data clock


Similar Part No. - ADS7808

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808P BURR-BROWN-ADS7808P Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808PB BURR-BROWN-ADS7808PB Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808U BURR-BROWN-ADS7808U Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808U/1K BURR-BROWN-ADS7808U/1K Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7808

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com