Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBT3904 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SBT3904
Description  General small signal application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SBT3904 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SBT3904 Datasheet HTML 1Page - KODENSHI_AUK CORP. SBT3904 Datasheet HTML 2Page - KODENSHI_AUK CORP. SBT3904 Datasheet HTML 3Page - KODENSHI_AUK CORP. SBT3904 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T5C013-000
1
SBT3904
NPN Silicon Transistor
PIN Connection
SOT-23
Descriptions
• General small signal application
• Switching application
Features
• Low collector saturation voltage
• Collector output capacitance
• Complementary pair with SBT3906
Ordering Information
Type NO.
Marking
Package Code
SBT3904
1A □
SOT-23
Device Code ② Year&Week Code
Absolute maximum ratings
Ta=25
°C
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
60
V
Collector-Emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
200
mA
Collector dissipation
PC*
350
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
* : Package mounted on 99.5% alumina 10×8×0.6mm
Electrical Characteristics
Ta=25
°C
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=10μA, IE=0
60
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
40
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10μA, IC=0
6
-
-
V
Collector cut-off current
ICEX
VCE=30V, VEB=3V
-
-
50
nA
DC current gain
hFE
VCE=1V, IC=10mA
100
-
300
-
Collector-Emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
-
-
0.3
V
Transition frequency
fT
VCE=20V, IC=10mA,
f=100MHz
300
-
-
MHz
Collector output capacitance
Cob
VCB=5V, IE=0, f=1MHz
-
-
4
pF
Delay time
td
-
-
35
ns
Rise time
tr
VCC=3Vdc, VBE(off)=0.5Vdc.
IC=10mAdc, IB1=1mAdc
-
-
35
ns
Storage time
ts
-
-
200
ns
Fall Time
tf
VCC=3Vdc,IC=10mAdc,
IB1=IB2=1mAdc
-
-
50
ns
1
2
3


Similar Part No. - SBT3904

ManufacturerPart #DatasheetDescription
logo
AUK corp
SBT3904 AUK-SBT3904 Datasheet
51Kb / 3P
   NPN Silicon Transistor
SBT3904 AUK-SBT3904 Datasheet
54Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
SBT3904 KODENSHI-SBT3904 Datasheet
234Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
SBT3904F AUK-SBT3904F Datasheet
50Kb / 3P
   NPN Silicon Transistor
SBT3904F AUK-SBT3904F Datasheet
53Kb / 3P
   NPN Silicon Transistor
More results

Similar Description - SBT3904

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
2N3906 KODENSHI-2N3906 Datasheet
58Kb / 3P
   General small signal application
SBT3906 KODENSHI-SBT3906 Datasheet
235Kb / 4P
   General small signal application
SBT3906F KODENSHI-SBT3906F Datasheet
244Kb / 4P
   General small signal application
SBT3904F KODENSHI-SBT3904F Datasheet
242Kb / 4P
   General small signal application
2N3904 KODENSHI-2N3904 Datasheet
168Kb / 4P
   General small signal application
SBT3906UF KODENSHI-SBT3906UF Datasheet
281Kb / 4P
   General small signal application
logo
AUK corp
2N3906 AUK-2N3906 Datasheet
52Kb / 3P
   PNP Silicon Transistor (General small signal application Switching application)
logo
KODENSHI_AUK CORP.
MMBT3904EF KODENSHI-MMBT3904EF Datasheet
260Kb / 4P
   Small signal application
MMBT3906EF KODENSHI-MMBT3906EF Datasheet
238Kb / 4P
   Small signal application
SBT3904UF KODENSHI-SBT3904UF Datasheet
210Kb / 4P
   Small signal application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com