Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC76 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADC76
Description  16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC76 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  ADC76 Datasheet HTML 1Page - Burr-Brown (TI) ADC76 Datasheet HTML 2Page - Burr-Brown (TI) ADC76 Datasheet HTML 3Page - Burr-Brown (TI) ADC76 Datasheet HTML 4Page - Burr-Brown (TI) ADC76 Datasheet HTML 5Page - Burr-Brown (TI) ADC76 Datasheet HTML 6Page - Burr-Brown (TI) ADC76 Datasheet HTML 7Page - Burr-Brown (TI) ADC76 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
®
ADC76
6
270k
MSB
1
2
3
4
5
6
7
8
9
10
11
12
13
15
14
NC
16
32
31
30
29
28
27
26
25
24
23
22
21
20
18
19
17
Dotted Lines
Are External
Connections
0.01µF*
Analog Input
±10V
1.8M
Gain
Adjust
10k
to
100k
Offset
Adjust
Status Output to
Control Logic
Serial Out
1µF
+5VDC
+15VDC
1µF
1µF
Analog
Common
–15VDC
Digital
Common
Convert Command From
Control Logic
*Capacitor should be connected even if external gain adjust is not used.
10k
to
100k
Bipolar
Offset
ADC76
1µF
2k
+5
+
+
+
DISCUSSION
OF SPECIFICATIONS
The ADC76 is specified to meet critical performance criteria
for a wide variety of applications. The most critical specifi-
cations for an A/ D converter are linearity, drift, gain and
offset errors, and conversion speed effects on accuracy. This
ADC is factory-trimmed and tested for all critical key
specifications.
GAIN AND OFFSET ERROR
Initial Gain and Offset errors are factory-trimmed to typi-
cally
±0.1% of FSR (±0.05% for unipolar offset) at 25°C.
These errors may be trimmed to zero by connecting external
trim potentiometers as shown in Figures 10 and 11.
POWER SUPPLY SENSITIVITY
Changes in the DC power supply voltages will affect accu-
racy. The ADC76 power supply sensitivity is specified at
±0.003% of FSR/%V
S for the ±15V supplies and ±0.0015%
of FSR/%V
S for the +5V supply. Normally, regulated power
supplies with 1% or less ripple are recommended for use
with this ADC. See Layout Precautions, Power Supply
Decoupling, and Figure 7.
LINEARITY ERROR
Linearity error is not adjustable and is the most meaningful
indicator of A/ D converter accuracy. Linearity is the devia-
tion of an actual bit transition from the ideal transition value
at any level over the range of the A/ D converter.
DIFFERENTIAL LINEARITY ERROR
Differential linearity describes the step size between transi-
tion values. A differential linearity error of
±0.003% of FSR
indicates that the size of any step may not vary from the ideal
step size by more than 0.003% of Full Scale Range.
ACCURACY VERSUS SPEED
In successive approximation A/ D converters, the conver-
sion speed affects linearity and differential linearity errors.
Conversion speed and its effect on linearity and differential
linearity errors for the ADC76 are shown in Figure 6.
FIGURE 6. Linearity Versus Conversion Time.
15
10
Conversion Time (µs)
0.01
0.006
0.003
0.001
Short Cycled to 13 Bits
1/2LSB 14 Bit
Short Cycled to 14 Bits
1/2LSB 13 Bit
11
12
13
14
FIGURE 5. ADC76 Connections for:
±10V Analog Input, 14-Bit Resolution (Short-Cycled), Parallel Data Output.


Similar Part No. - ADC76

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700AH BURR-BROWN-ADC700AH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700BH BURR-BROWN-ADC700BH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700JH BURR-BROWN-ADC700JH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
ADC700KH BURR-BROWN-ADC700KH Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
More results

Similar Description - ADC76

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846A MAXWELL-7846A Datasheet
256Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com