Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAR25PNBTD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DAR25PNBTD
Description  Plug viewed from above, socket viewed from below.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DAR25PNBTD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DAR25PNBTD Datasheet HTML 1Page - List of Unclassifed Manufacturers DAR25PNBTD Datasheet HTML 2Page - List of Unclassifed Manufacturers DAR25PNBTD Datasheet HTML 3Page - List of Unclassifed Manufacturers DAR25PNBTD Datasheet HTML 4Page - List of Unclassifed Manufacturers DAR25PNBTD Datasheet HTML 5Page - List of Unclassifed Manufacturers DAR25PNBTD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A
25.00
33.32
47.04
63.50
61.10
connectors
D range
Special D
Standard D
Crimp D
High Density D
FEATURES
Shell
Insulator
Contact
Termination – solder bucket
– straight PC
– 90º PC
– CRIMP
MECHANICAL
Operations
Temperature range
ELECTRICAL
Current – individual contact
(in isolation) at 70ºC
– All contacts
(simultaneously) at 70ºC
Working voltage (DC or AC
PEAK)
Proof voltage (DC or AC PEAK)
Contact resistance
Insulation resistance
Technical Data
Steel plated zinc/yellow passivate or tin
Thermoplastic rated UL94V-O
Copper alloy plated hard acid gold
Tin
Gold
Tin
Tin
Gold
Tin
Tin
Gold
Tin
Tin or Gold
Tin
100
300 (budget)
300 (budget)
100
500 (standard)
500 (standard)
50 or 200 crimp
-55ºC to +105ºC
3A
6.5A
3A
3A
2A
3.3A
2A
2A
350V
500V
350V
300V
1500V
1500V
1500V
1000V
15m
Ω max
10m
Ω max
15m
Ω max
15m
Ω max
5000m
Ω min
1000m
Ω min
5000m
Ω min
1000m
Ω min
Shell
size
E
A
B
C
D
D,SD,LD
9
15
25
37
50
HD
15
26
44
62
78
No of Contacts
Std
20.32
28.70
42.42
58.93
56.26
Float
21.16
29.49
43.20
59.77
57.02
E
Std
11.30
11.30
11.30
11.30
13.97
Float
12.09
12.09
12.09
12.09
14.78
F
3.50
3.50
3.50
3.50
3.50
R
Std
22.07
30.40
44.14
60.60
58.21
Float
22.88
31.22
44.96
61.42
59.44
E
Std
12.90
12.90
12.90
12.90
15.69
Float
13.71
13.71
13.71
13.71
16.51
F
2.25
2.25
2.25
2.25
2.25
R
Contact Arrangement
Rear Panel Mounting
Front Panel Mounting
Panel
R
R
A
E
10º
F
3±0.1
Panel
R
R
A
E
10º
F
3±0.1
All ranges: panel mounting options
Rear Panel Mounting
Front Panel Mounting


Similar Part No. - DAR25PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAR25PNBT ETC2-DAR25PNBT Datasheet
745Kb / 6P
   PCB layouts
DAR25PNBT ETC2-DAR25PNBT Datasheet
745Kb / 6P
   PCB layouts
More results

Similar Description - DAR25PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA15SNT ETC2-SDA15SNT Datasheet
745Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Maxim Integrated Produc...
MAX14760 MAXIM-MAX14760 Datasheet
1Mb / 13P
   Above- and Below-the-Rails Low-Leakage Analog Switches
19-6052; Rev 1; 8/12
MAX14759 MAXIM-MAX14759 Datasheet
2Mb / 16P
   Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
logo
Littelfuse
SP1002-02JTG LITTELFUSE-SP1002-02JTG Datasheet
548Kb / 1P
   Audio ports typically have signals that swing above and below GND
logo
WECO ELECTRICAL CONNECT...
971-FBS WECO-971-FBS Datasheet
99Kb / 1P
   Plug connector Screw connection, plugable from backside
12.17
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778 Datasheet
2Mb / 15P
   Dual 25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 0; 6/11
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778_V01 Datasheet
1Mb / 16P
   Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
19-5929; Rev 3; 7/20
MAX14778 MAXIM-MAX14778_12 Datasheet
2Mb / 15P
   Dual ±25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 1; 6/12
logo
Lumileds Lighting Compa...
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com