Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY3N Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # LY3N
Description  General Purpose Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY3N Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button LY3N Datasheet HTML 2Page - Omron Electronics LLC LY3N Datasheet HTML 3Page - Omron Electronics LLC LY3N Datasheet HTML 4Page - Omron Electronics LLC LY3N Datasheet HTML 5Page - Omron Electronics LLC LY3N Datasheet HTML 6Page - Omron Electronics LLC LY3N Datasheet HTML 7Page - Omron Electronics LLC LY3N Datasheet HTML 8Page - Omron Electronics LLC LY3N Datasheet HTML 9Page - Omron Electronics LLC LY3N Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
290
General Purpose Relay
LY
Dimensions
Unit: mm (inch)
■ Relays
Note: The above drawing shows LY1F. With LY2F, dimension “*”
should read as eight 3.05 mm (0.12 in) dia. holes.
LY1
LY2
Terminal
arrangement
(Bottom view)
Terminal
arrangement
(Bottom view)
LY3
LY4
Terminal
arrangement
(Bottom view)
Terminal
arrangement
(Bottom view)
LY1-0, LY2-0, LY3-0, LY4-0
Mounting holes for LY1-0, LY2-0, LY3-0, LY4-0
(Bottom view)
Note: The above drawing shows LY2-0. With LY1-0,
dimension “*” should read as eight 6.35 (.25).
SPTD
DPDT
3PDT
4PDT
LY1F, LY2F
LY3F
Mounting
holes
Mounting
holes


Similar Part No. - LY3N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY3N OMRON-LY3N Datasheet
438Kb / 15P
   General Purpose Relay
LY3N OMRON-LY3N Datasheet
719Kb / 16P
   General Purpose Relay
LY3N OMRON-LY3N Datasheet
679Kb / 16P
   General Purpose Relay
LY3N OMRON-LY3N Datasheet
674Kb / 16P
   General Purpose Relay
LY3N OMRON-LY3N Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
More results

Similar Description - LY3N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com