Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLAN-12D2A0 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # SLAN-12D2A0
Description  NON-ISOLATED DC/DC CONVERTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLAN-12D2A0 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button SLAN-12D2A0 Datasheet HTML 2Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 3Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 4Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 5Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 6Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 7Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 8Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 9Page - Bel Fuse Inc. SLAN-12D2A0 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
6
Feb. 16, 2012
Bel Power Inc., a subsidiary of Bel Fuse Inc.
NON-ISOLATED DC/DC CONVERTERS
3 Vdc – 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
Thermal Derating Curves
0
2
4
6
8
10
12
55
65
75
85
95
105
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
Standard Part
(85
°C)
Ruggedized (D) Part
(105
°C)
0
2
4
6
8
10
12
55
65
75
85
95
105
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
Standard
Part (85 C)
Ruggedized (D) Part
(105
°C)
AMBIENT TEMPERATURE, TA
OC
AMBIENT TEMPERATURE, TA
OC
Vo=0.6V
Vo=1.2V
0
2
4
6
8
10
12
55
65
75
85
95
105
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
Standard Part
(85
°C)
Ruggedized (D) Part
(105
°C)
0
2
4
6
8
10
12
55
65
75
85
95
105
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
Standard Part
(85
°C)
Ruggedized (D)
Part (105
°C)
AMBIENT TEMPERATURE, TA
OC
AMBIENT TEMPERATURE, TA
OC
Vo=1.8V
Vo=2.5V
0
2
4
6
8
10
12
55
65
75
85
95
105
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
Standard Part
(85
°C)
Ruggedized (D) Part
(105
°C)
0
2
4
6
8
10
12
55
65
75
85
95
105
2m/s
(400LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
0.5m/s
(100LFM)
NC
Ruggedized (D) Part
(105
°C)
Standard Part
(85
°C)
AMBIENT TEMPERATURE, TA
OC
AMBIENT TEMPERATURE, TA
OC
Vo=3.3V
Vo=5.0V


Similar Part No. - SLAN-12D2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLAN-12D2A0 BEL-SLAN-12D2A0 Datasheet
1Mb / 26P
   3 Vdc - 14.4 Vdc Input, 0.6 Vdc - 5.5 Vdc /12 A Outputs
More results

Similar Description - SLAN-12D2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com