Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK107B7105KA-T Datasheet(PDF) 18 Page - Taiyo Yuden (U.S.A.), Inc

Part # LMK107B7105KA-T
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LMK107B7105KA-T Datasheet(HTML) 18 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LMK107B7105KA-T Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 18Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 19Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 20Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 21Page - Taiyo Yuden (U.S.A.), Inc LMK107B7105KA-T Datasheet HTML 22Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
20
11
mlcc04_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
SPECIFICATIONS
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Q value in the high frequency range (1 GHz+) is superior compared to
other types of multilayer capacitors.
The 1005(0402) case size is designed for high density mounting and
weight reduction in various applications.
Suitable for those high frequency applications in which a capacitor
with both a high Q-value and small size is required such as portable
communications and other wireless applications.
VCO, TCXO etc.
Adjustment of characteristics in high frequency circuit
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□VK105
(0402 inch)
1.0±0.05
0.5±0.05
0.5±0.05
0.25±0.1
10000
Rated voltage
〔VDC〕
E
16
U
50
Thickness〔mm〕
W
0.5
Nominal
capacitance〔pF〕
example
020
2
4R3
4.3
※R=Decimal point
Temperature
characteristics〔ppm/℃〕
CH
0±60
RH
-220±60
Series name
V
Multilayer ceramic
capacitor for high
frequency
End termination
K
Plated
Capacitance
tolerance
B
±0.1pF
J
±5%
MULTILAYER CERAMIC CAPACITORS
FOR HIGH FREQUENCY APPLICATIONS1GHz+
Temperature
Characteristics
Operating
Temperature range
Temperature
Coefficient range
[ppm/℃]
Capacitance
Tolerance
CH
-55~+125℃
  0±60
±0.1pF(~2.0pF)
±5%(2.2pF~)
RH
-220±60
Capacitance vs Q value(Typical for CH characteristic)
Packaging
F
φ178mm Taping
(2mm pitch)
Special code
Standard
REFLOW
U V K 1 0 5 △ R H 4 R 3 J W - F △
Dimension
Type (inch) L×W〔mm〕
105 (0402) 1.0×0.5
Dimension
tolerance
Standard
△=Blank Space
Internal code
△ Standard
△=Blank Space


Similar Part No. - LMK107B7105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LMK107B7105KA8T TAIYO-YUDEN-LMK107B7105KA8T Datasheet
470Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
LMK107B7105KAHT TAIYO-YUDEN-LMK107B7105KAHT Datasheet
291Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
More results

Similar Description - LMK107B7105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com