Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSND50E02 Datasheet(PDF) 1 Page - Meder Electronic

Part # PSND50E02
Description  Electrically Isolated Back Surface Single MOSFET Die
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

PSND50E02 Datasheet(HTML) 1 Page - Meder Electronic

  PSND50E02 Datasheet HTML 1Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWERSEM GmbH, Walpersdorfer Str. 56
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Fast Recovery
PSND 50E
IFAV
=
50 A
Epitaxial Diode
VRRM
= 200-600 V
(FRED) Module
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
200
200
PSND 50E/02
400
400
PSND 50E/04
600
600
PSND 50E/06
Symbol Test Conditions
Maximum Ratings
IFAV
TC = 85°C
50
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
800
A
VR = 0
t = 8.3 ms (60 Hz), sine
880
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
720
A
VR = 0
t = 8.3 ms (60 Hz), sine
790
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
3200
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
3210
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
2590
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
2590
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M5)
5
Nm
Terminal connection torque
(M5)
5
Nm
Weight
typ.
160
g
Symbol Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
150
µA
VR = VRRM
TVJ = TVJM
15
mA
VF
IF = 50 A
TVJ = 25°C
1.25
V
trr
TVJ = 25°C, IF = 1A;
-di/dt = 100 A/µs; VR = 30V
typ. 60
ns
VTO
For power-loss calculations only
1.1
V
rT
TVJ = TVJM
2.6
m
RthJC
per diode; DC current
0.9
K/W
per module
0.45
K/W
RthJK
per diode; DC current
1.1
K/W
per module
0.55
K/W
dS
Creeping distance on surface
10
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Short recovery time
Low forward voltage drop
Short recovery behaviour
UL registered, E 148688
Applications
Inductive heating and melting
Free wheeling diode in converters
and motor control circuits
Uninterruptible power supplies
(UPS)
Ultrasonic cleaners and welders
Advantages
High reliability circuit operation
Low voltage peaks for reduced
protection circuits
Low noise switching
Low losses
Package, style and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSND50E02

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSND50E08 MEDER-PSND50E08 Datasheet
119Kb / 1P
   Fast Recovery Epitaxial Diode Module
More results

Similar Description - PSND50E02

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSMG5005 MEDER-PSMG5005 Datasheet
149Kb / 4P
   Electrically Isolated Back Surface Single MOSFET Die
PSND30E12 MEDER-PSND30E12 Datasheet
125Kb / 1P
   Electrically Isolated Back Surface Single MOSFET Die
PSND30E06 MEDER-PSND30E06 Datasheet
120Kb / 1P
   Electrically Isolated Back Surface Single MOSFET Die
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
   Electrically Isolated Back Surface
DSS20-01AC IXYS-DSS20-01AC Datasheet
121Kb / 4P
   Electrically Isolated Back Surface
IXFR38N80Q2 IXYS-IXFR38N80Q2 Datasheet
568Kb / 5P
   Electrically Isolated Back Surface
DSEE8-06CC IXYS-DSEE8-06CC Datasheet
65Kb / 2P
   Electrically Isolated Back Surface
IXUC100N055 IXYS-IXUC100N055 Datasheet
575Kb / 2P
   Electrically Isolated Back Surface
IXGC16N60C2 IXYS-IXGC16N60C2 Datasheet
541Kb / 2P
   Electrically Isolated Back Surface
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com